Electronic Components Datasheet Search
  English  ▼

X  

LTC1091C Datasheet(PDF) 32 Page - Linear Technology

Part # LTC1091C
Description  1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1091C Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC1091C Datasheet HTML 24Page - Linear Technology LTC1091C Datasheet HTML 25Page - Linear Technology LTC1091C Datasheet HTML 26Page - Linear Technology LTC1091C Datasheet HTML 27Page - Linear Technology LTC1091C Datasheet HTML 28Page - Linear Technology LTC1091C Datasheet HTML 29Page - Linear Technology LTC1091C Datasheet HTML 30Page - Linear Technology LTC1091C Datasheet HTML 31Page - Linear Technology LTC1091C Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
32
LTC1091/LTC1092
LTC1093/LTC1094
1091fa LT/TP 1099 2K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1988
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC1090
10-Bit, 8-Channel ADC
Serial I/O, 1.5mA Supply Current
LTC1291/LTC1292
12-BIT, 2-Channel and Differential ADCs
Pin Compatible Upgrades to LTC1091/LTC1092
LTC1293/LTC1294
12-Bit, 6- and 8-Channel ADCs
Pin Compatible Upgrades to LTC1093/LTC1094
RELATED PARTS
LT1021-5
5V
MISO
MOSI
C0
SCK
C1
10k
10k
9V
ISOLATION
BARRIER
4N28s
51k
51k
51k
51k
300
Ω
5.1k
× 3
5V
5V
5V
5V
51k
5.1k
10k
10k
10k
10k
150
Ω
150
Ω
150
Ω
150
Ω
4N28
TO ADDITIONAL
LTC1094s
NC
4N28
*SOLID TANTALUM
**MC68HC05 CODE AVAILABLE FROM
LINEAR TECHNOLOGY
10
µF*
1
Ω
8 ANALOG
INPUTS
0V TO 5V
RANGE
TO
68HC05**
10k
LT1091-4 TA06
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
DVCC
AVCC
CLK
CS
DOUT
DIN
REF+
REF–
AGND
V–
LTC1094
2N3906
2N3904
2N3906
+
TYPICAL APPLICATION
Micropower, 500V Optoisolated, Multichannel, 10-Bit Data
Acquisition System Is Accessed Once Every Two Seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com