Electronic Components Datasheet Search
  English  ▼

X  

LTC1154 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1154
Description  High-Side Micropower MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1154 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1154 Datasheet HTML 8Page - Linear Technology LTC1154 Datasheet HTML 9Page - Linear Technology LTC1154 Datasheet HTML 10Page - Linear Technology LTC1154 Datasheet HTML 11Page - Linear Technology LTC1154 Datasheet HTML 12Page - Linear Technology LTC1154 Datasheet HTML 13Page - Linear Technology LTC1154 Datasheet HTML 14Page - Linear Technology LTC1154 Datasheet HTML 15Page - Linear Technology LTC1154 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1154
PACKAGE DESCRIPTIO
0.045 ± 0.015
(1.143 ± 0.381)
0.100 ± 0.010
(2.540 ± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130 ± 0.005
(3.302 ± 0.127)
0.020
(0.508)
MIN
0.018 ± 0.003
(0.457 ± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.250 ± 0.010
(6.350 ± 0.254)
0.400
(10.160)
MAX
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.320
(7.620 – 8.128)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
N8 Package
8-Lead Plastic Lead
1
2
3
4
0.150 – 0.157
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.010 – 0.020
(0.254 – 0.508)
0.016 – 0.050
0.406 – 1.270
× 45°
0°– 8°
TYP
0.008 – 0.010
(0.203 – 0.254)
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
S8 Package
8-Lead Plastic SOIC
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
LT/GP 1192 10K REV 0
© LINEAR TECHNOLOGY CORPORATION 1992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com