Electronic Components Datasheet Search
  English  ▼

X  

LTC1155 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1155
Description  Dual High Side Micropower MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1155 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1155 Datasheet HTML 8Page - Linear Technology LTC1155 Datasheet HTML 9Page - Linear Technology LTC1155 Datasheet HTML 10Page - Linear Technology LTC1155 Datasheet HTML 11Page - Linear Technology LTC1155 Datasheet HTML 12Page - Linear Technology LTC1155 Datasheet HTML 13Page - Linear Technology LTC1155 Datasheet HTML 14Page - Linear Technology LTC1155 Datasheet HTML 15Page - Linear Technology LTC1155 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1155
© LINEAR TECHNOLOGY CORPORATION 1991
S
APPLICATI
TYPICAL
Isolated High Voltage High Side Switch with Circuit Breaker
1155fa LT/TP 0399 2K REV A • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 qFAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1153
Auto-Reset Electronic Circuit Breaker
Programmable Trip Current, Fault Status Output
LT1161
Quad Protected High Side MOSFET Driver
8V to 48V Supply Range, Individual Short-Circuit Protection
LTC1163
Triple 1.8V to 6V High Side MOSFET Driver
0.01
µA Standby Current, Triple Driver in SO-8 Package
LTC1255
Dual 24V High Side MOSFET Driver
Operates from 9V to 24V, Short-Circuit Protection
LTC1477
Protected Monolithic High Side Switch
Low RDS(ON) 0.07Ω Switch, 2A Short-Circuit Protected
LTC1623
SMBus Dual High Side Switch Controller
2-Wire SMBus Serial Interface, Built-In Gate Charge Pumps
LTC1710
SMBus Dual Monolithic High Side Switch
Two Low RDS(ON) 0.4Ω/300mA Switches in 8-Lead MSOP Package
1155 TA18
LTC1155
GND
IN2
G2
DS2
VS
DS1
G1
IN1
0.1
Ω
1k
6A MAX
1k
90V
18V
1N4746A
4N28
1M
1k
C
BE
10mA
CONTROL
0.1
µF
200V
100pF
1/6 74C14
6V TO 12V
100k
10
µF
25V
1N4148
1N5817
1N4148
MUR420
M
1N5817
+
2N2222
1155 TA19
LTC1155
GND
IN2
G2
DS2
VS
DS1
G1
IN1
0.05
Ω
IRFZ24
18V
1N4746A
100k
0.0022
µF
1/6 74C14
5V
100k
1N4148
1N5817
18V
1N4746A
0.01
µF
100k
5.6V
1N4690A
IN/OUT
IN/OUT
24V AC
2A MAX
IRFZ24
100k
ON/OFF
1/6 74C14
300
Ω
600
Ω
0.1
µF
1
µF
*PICO ELECTRONICS F-28115 OR EQUIVALENT
T1*
IN/OUT
ON/OFF
IN/OUT
2A
EQUIVALENT FUNCTION
+
Isolated Solid-State AC Relay with Circuit Breaker



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com