Electronic Components Datasheet Search
  English  ▼

X  

1M200Z Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 1M200Z
Description  1W, 10V - 200V Glass Passivated Junction Silicon Zener Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1M200Z Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1M200Z Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1M200Z Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1M200Z Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1M200Z Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1M200Z Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1M200Z Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1M200Z Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CREAT BY ART
- Glass passivated chip junction
- Low profile package
- Low inductance
- Typical IR less than 5μA above 11V
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Part No. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Pure tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
TJ
°C
TSTG
°C
PART NO.
PART NO.
Document Number: DS_D1409040
Version: L15
AEC-Q101 qualified
Green compound
1N4740AHA0G
1N4740A
H
A0
G
EXAMPLE
PREFERRED
PART NO.
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
DO-41
5000 / 13" Paper reel (Reverse)
B0
DO-41
1000 / Bulk packing
Note 1: "xx" defines voltage from 10V (1N4740A) to 200V (1M200Z)
1N47xxA
1MxxxZ
(Note 1)
H
A0
G
DO-41
3000 / Ammo box (26mm taping)
R0
DO-41
5000 / 13" Paper reel
R1
ORDERING INFORMATION
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
10
1.0
6.67
UNIT
FEATURES
- Built-in strain relief
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
DO-204AL (DO-41)
Weight:
0.3g (approximately)
PARAMETER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25°C unless otherwise noted)
VALUE
Storage temperature range
1N4740A - 1M200Z
Taiwan Semiconductor
1W, 10V - 200V Glass Passivated Junction Silicon Zener Diodes
- 55 to +150
- 55 to +150
DO-204AL (DO-41)
SYMBOL
Note 1: Mounted on Cu-Pad size 5mm x 5mm on PCB
Watts
mW/°C
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
IFSM
Operating junction temperature range
A
Peak power dissipation at TA=50°C,
Derate above 50°C (Note 1)
PD


Similar Part No. - 1M200Z

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1M200Z TRSYS-1M200Z Datasheet
348Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1M200Z TSC-1M200Z Datasheet
86Kb / 5P
Glass Passivated Junction Silicon Zener Diode
1M200Z TSC-1M200Z Datasheet
1Mb / 5P
Glass Passivated Junction Silicon Zener Diode
1M200Z TSC-1M200Z Datasheet
5Mb / 5P
Glass Passivated Junction Silicon Zener Diode
1M200Z TSC-1M200Z Datasheet
626Kb / 5P
1.0 Watts Glass Passivated Junction Silicon Zener Diode
More results

Similar Description - 1M200Z

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8 Datasheet
674Kb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Taiwan Semiconductor Co...
2M6.8Z TSC-2M6.8Z_15 Datasheet
214Kb / 6P
2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
SMA4728A CHENG-YI-SMA4728A Datasheet
352Kb / 3P
1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com