Electronic Components Datasheet Search
  English  ▼

X  

LTC1157 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1157
Description  3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1157 Datasheet(HTML) 5 Page - Linear Technology

  LTC1157 Datasheet HTML 1Page - Linear Technology LTC1157 Datasheet HTML 2Page - Linear Technology LTC1157 Datasheet HTML 3Page - Linear Technology LTC1157 Datasheet HTML 4Page - Linear Technology LTC1157 Datasheet HTML 5Page - Linear Technology LTC1157 Datasheet HTML 6Page - Linear Technology LTC1157 Datasheet HTML 7Page - Linear Technology LTC1157 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1157
APPLICATIO S I FOR ATIO
MOSFET Selection
The LTC1157 is designed to operate with both standard
and logic level N-channel MOSFET switches. The choice of
switch is determined primarily by the operating supply
voltage.
Logic Level MOSFET Switches at 3.3V
Logic level switches should be used with the LTC1157
when powered from 2.7V to 4V. Although there is some
variation among manufacturers, logic level MOSFET
switches are typically rated with VGS = 4V with a maximum
continuous VGS rating of ±10V. RDS(ON) and maximum
VDS ratings are similar to standard MOSFETs and there is
generally little price differential. Logic level MOSFETs are
frequently designated by an “L” and are usually available
in surface mount packaging. Some logic level MOSFETs
are rated up to
±15Vandcanbeusedinapplicationswhich
require operation over the entire 2.7V to 5.5V range.
Standard MOSFET Switches at 5V
Standard N-channel MOSFET switches should be used
with the LTC1157 when powered from 4V to 5.5V supply
as the built-in charge pump produces ample gate drive to
fully enhance these switches when powered from a 5V
nominal supply. Standard N-channel MOSFET switches
are rated with VGS = 10V and are generally restricted to a
maximum of
±20V.
Powering Large Capacitive Loads
Electrical subsystems in portable battery-powered equip-
ment are typically bypassed with large filter capacitors to
reduce supply transients and supply induced glitching. If
not properly powered however, these capacitors may
themselves become the source of supply glitching.
For example, if a 100
µF capacitor is powered through a
switch with a slew rate of 0.1V/
µs, the current during start-
up is:
ISTART = C(dV/dt)
= (100
× 10–6) (1 × 105)
= 10A
Obviously, this is too much current for the regulator (or
output capacitor) to supply and the output will glitch by as
much as a few volts.
The start-up current can be substantially reduced by
limiting the slew rate at the gate of an N-channel switch as
shown in Figure 1. The gate drive output of the LTC1157
is passed through a simple RC network, R1 and C1, which
substantially slows the slew rate of the MOSFET gate to
approximately 1.5
× 10–4V/µs. Since the MOSFET is
operating as a source follower, the slew rate at the source
is essentially the same as that at the gate, reducing the
start-up current to approximately 15mA which is easily
managed by the system regulator. R2 is required to
eliminate the possibility of parasitic MOSFET oscillations
during switch transitions. Also, it is good practice to
isolate the gates of paralleled MOSFETs with 1k resistors
to decrease the possibility of interaction between switches.
Reverse Battery Protection
The LTC1157 can be protected against reverse battery
conditions by connecting a 300
Ω resistor in series with
the ground pin. The resistor limits the supply current to
less than 12mA with – 3.6V applied. Since the LTC1157
draws very little current while in normal operation, the
drop across the ground resistor is minimal. The 3.3V
µP
(or control logic) can be protected by adding 10k resistors
in series with the input pins.
+
VS
GND
G1
IN1
1/2 LTC1157
MTD3055EL
3.3
µF
VIN
LTC1157 • TA02
LT1129-3.3
+
3.3V
LOAD
C1
0.1
µF
CLOAD
100
µF
3.3V
R2
1k
R1
100k
ON/0FF
Figure 1. Powering a Large Capacitive Load



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com