Electronic Components Datasheet Search
  English  ▼

X  

LT1511 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1511
Description  Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1511 Datasheet(HTML) 2 Page - Linear Technology

  LT1511_15 Datasheet HTML 1Page - Linear Technology LT1511_15 Datasheet HTML 2Page - Linear Technology LT1511_15 Datasheet HTML 3Page - Linear Technology LT1511_15 Datasheet HTML 4Page - Linear Technology LT1511_15 Datasheet HTML 5Page - Linear Technology LT1511_15 Datasheet HTML 6Page - Linear Technology LT1511_15 Datasheet HTML 7Page - Linear Technology LT1511_15 Datasheet HTML 8Page - Linear Technology LT1511_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1511
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LT1511CSW
LT1511ISW
TJMAX = 125°C, θJA = 30°C/ W**
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
SW PACKAGE
24-LEAD PLASTIC SO WIDE
24
23
22
21
20
19
18
17
16
15
14
13
GND**
SW
BOOST
GND**
GND**
UV
GND**
OVP
CLP
CLN
COMP1
SENSE
GND**
GND**
VCC1*
VCC2*
VCC3*
PROG
VC
UVOUT
GND**
COMP2
BAT
SPIN
Consult factory for Military grade parts.
*ALL VCC PINS SHOULD
BE CONNECTED
TOGETHER CLOSE TO
THE PINS
** ALL GND PINS ARE
FUSED TO INTERNAL DIE
ATTACH PADDLE FOR
HEAT SINKING. CONNECT
THESE PINS TO
EXPANDED PC LANDS
FOR PROPER HEAT
SINKING. 30
°C/W
THERMAL RESISTANCE
ASSUMES AN INTERNAL
GROUND PLANE
DOUBLING AS A HEAT
SPREADER
(Note 1)
Supply Voltage
(VMAX, CLP and CLN Pin Voltage) ...................... 30V
Switch Voltage with Respect to GND ...................... – 3V
Boost Pin Voltage with Respect to VCC ................... 25V
Boost Pin Voltage with Respect to GND ................. 57V
Boost Pin Voltage with Respect to SW Pin .............. 30V
VC, PROG, OVP Pin Voltage ...................................... 8V
IBAT (Average)........................................................... 3A
Switch Current (Peak) .............................................. 4A
Operating Junction Temperature Range
Commercial ........................................... 0
°C to 125°C
Industrial ......................................... – 40
°C to 125°C
Operating Ambient Temperature
Commercial ............................................ 0
°C to 70°C
Industrial ........................................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 16V, VBAT = 8V, VMAX (maximum operating VCC) = 28V,
RS2 = RS3 = 200Ω (see Block Diagram), VCLN = VCC. No load on any outputs unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Overall
Supply Current
VPROG = 2.7V, VCC ≤ 20V
q
4.5
6.8
mA
VPROG = 2.7V, 20V < VCC ≤ 25V
q
4.6
7.0
mA
Sense Amplifier CA1 Gain and Input Offset Voltage
8V
≤ VCC ≤ 25V , 0V ≤ VBAT ≤ 20V
(With RS2 = 200Ω, RS3 = 200Ω)RPROG = 4.93k
q
95
100
105
mV
(Measured across RS1)(Note 2)
RPROG = 49.3k
q
810
12
mV
TJ < 0°C
7
13
mV
VCC = 28V, VBAT = 20V
RPROG = 4.93k
q
90
110
mV
RPROG = 49.3k
q
713
mV
TJ < 0°C
6
14
mV
VCC Undervoltage Lockout (Switch OFF) Threshold
Measured at UV Pin
q
678
V
UV Pin Input Current
0.2V
≤ VUV ≤ 8V
q
0.1
5
µA
UV Output Voltage at UVOUT Pin
In Undervoltage State, IUVOUT = 70µA
q
0.1
0.5
V
UV Output Leakage Current at UVOUT Pin
8V
≤ VUV, VUVOUT = 5V
q
0.1
3
µA
Reverse Current from Battery (When VCC Is
VBAT ≤ 20V, VUV ≤ 0.4V
3
15
µA
Not Connected, VSW Is Floating)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com