Electronic Components Datasheet Search
  English  ▼

X  

LTC1159 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1159
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1159 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1159 Datasheet HTML 12Page - Linear Technology LTC1159 Datasheet HTML 13Page - Linear Technology LTC1159 Datasheet HTML 14Page - Linear Technology LTC1159 Datasheet HTML 15Page - Linear Technology LTC1159 Datasheet HTML 16Page - Linear Technology LTC1159 Datasheet HTML 17Page - Linear Technology LTC1159 Datasheet HTML 18Page - Linear Technology LTC1159 Datasheet HTML 19Page - Linear Technology LTC1159 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LTC1159/LTC1159-3.3/LTC1159-5
TYPICAL APPLICATIO S
Figure 12. High Current, High Efficiency 15V to 40V Input 5V/10A Output Regulator
P-GATE
VIN
VCC
P-DRIVE
VCC
CT
ITH
SENSE–
CAP
SHDN2
EXTVCC
N-GATE
P-GND
S-GND
SHDN1
SENSE+
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1159-5
0.15
µF
0.33
µF
0.1
µF
1N4148
1N4148
+
750pF
470
Ω
100
Ω
100
Ω
18k
0.047
µF
10
µF
1000pF
SHUTDOWN
MTP75N05HD
MBR350
1
µF
WIMA
+
1200
µF
50V
× 2
LXF
VIN
15V TO 40V
12V
L*
22
µH
RSENSE**
0.01
Ω
+ 220µF
10V
× 3
OS-CON
LTC1159 • F12
VOUT
5V/10A
*HURRICANE LAB HL-KK122T/BB
**DALE LVR-3-0.01
SMP40P06
HEAT SINK
MPSA56
MPSA06
MPSA56
1N4148
Figure 11. 5:1 Input Range (4V to 20V) High Efficiency 3.3V/2.5A Regulator
P-GATE
VIN
VCC
P-DRIVE
VCC
CT
ITH
SENSE–
CAP
SHDN2
EXTVCC
N-GATE
P-GND
S-GND
SHDN1
SENSE+
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1159-3.3
0.15
µF
0.1
µF
1N4148
1N4148
+
270pF
1k
3300pF
1
µF
0.01
µF
1
µF
SHUTDOWN
Si9410DY
MBRS130LT3
0.1
µF
+
47
µF
25V
OS-CON
VIN
4V TO 20V
L*
20
µH
RSENSE**
0.04
Ω
+
+
330
µF
6.3V
× 2
AVX
LTC1159 • F11
VOUT
3.3V/2.5A
*COILTRONICS CTX20-4
**KRL SL-1/2-R040J
Si9435DY
VN2222LL
BAT85
BAT85
BAT85
0.22
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com