Electronic Components Datasheet Search
  English  ▼

X  

LTC1157CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1157CS8
Description  3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1157CS8 Datasheet(HTML) 8 Page - Linear Technology

  LTC1157CS8 Datasheet HTML 1Page - Linear Technology LTC1157CS8 Datasheet HTML 2Page - Linear Technology LTC1157CS8 Datasheet HTML 3Page - Linear Technology LTC1157CS8 Datasheet HTML 4Page - Linear Technology LTC1157CS8 Datasheet HTML 5Page - Linear Technology LTC1157CS8 Datasheet HTML 6Page - Linear Technology LTC1157CS8 Datasheet HTML 7Page - Linear Technology LTC1157CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1157
© LINEAR TECHNOLOGY CORPORATION 1993
LT/GP 0193 10K REV 0
TYPICAL APPLICATIO S
S Package
8-Lead SOIC
0.010 – 0.020
(0.254 – 0.508)
0.016 – 0.050
0.406 – 1.270
× 45°
0°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
1
2
3
4
0.150 – 0.157
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
SO8 0392
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
N Package
8-Lead Plastic DIP
N8 0392
0.045 ± 0.015
(1.143 ± 0.381)
0.100 ± 0.010
(2.540 ± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130 ± 0.005
(3.302 ± 0.127)
0.020
(0.508)
MIN
0.018 ± 0.003
(0.457 ± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.250 ± 0.010
(6.350 ± 0.254)
0.400
(10.160)
MAX
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.320
(7.620 – 8.128)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
3.3V Ultra Low Voltage Drop Regulator with Optional Reverse
Battery Protection and 3
µA Standby Current
+
VS
GND
G2
G1
IN2
IN1
LTC1157
CONTROL
LOGIC
OR
µP
C1
10
µF
LTC1157 • TA08
+
3 TO 4
CELL
BATTERY
PACK
R1
300
Ω*
R5
100k
Q1
IRLR024*
LT1431
R2
680
Ω
C2
330pF
R3
3.3k
+
C3
220
µF
3.3V/1A
Q2
IRLR024
13
8
6
5
R4
10k
*OPTIONAL REVERSE BATTERY PROTECTION. ADD R1 IN SERIES WITH THE
GROUND LEAD AND ADD Q1 IN SERIES WITH THE BATTERY AS SHOWN.
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com