Electronic Components Datasheet Search
  English  ▼

X  

LT1943 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1943
Description  High Current Quad Output Regulator for TFT LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1943 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1943 Datasheet HTML 9Page - Linear Technology LT1943 Datasheet HTML 10Page - Linear Technology LT1943 Datasheet HTML 11Page - Linear Technology LT1943 Datasheet HTML 12Page - Linear Technology LT1943 Datasheet HTML 13Page - Linear Technology LT1943 Datasheet HTML 14Page - Linear Technology LT1943 Datasheet HTML 15Page - Linear Technology LT1943 Datasheet HTML 16Page - Linear Technology LT1943 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT1943
13
1943fa
Output Capacitor Selection
For 5V and 3.3V outputs, a 10
µF 6.3V ceramic capacitor
(X5R or X7R) at the output results in very low output
voltage ripple and good transient response. Other types
and values will also work; the following discussion ex-
plores tradeoffs in output ripple and transient perfor-
mance.
The output capacitor filters the inductor current to gener-
ate an output with low voltage ripple. It also stores energy
in order satisfy transient loads and stabilizes the LT1943’s
control loop. Because the LT1943 operates at a high
frequency, minimal output capacitance is necessary. In
addition, the control loop operates well with or without the
presence of output capacitor series resistance (ESR).
Ceramic capacitors, which achieve very low output ripple
and small circuit size, are therefore an option.
You can estimate output ripple with the following
equations:
VRIPPLE = ∆IL/(8 • f • COUT) for ceramic capacitors, and
VRIPPLE = ∆IL • ESR for electrolytic capacitors (tantalum
and aluminum);
where
∆IL is the peak-to-peak ripple current in the induc-
tor. The RMS content of this ripple is very low so the RMS
current rating of the output capacitor is usually not of
concern. It can be estimated with the formula:
IC(RMS)= ∆IL/√12
Another constraint on the output capacitor is that it must
have greater energy storage than the inductor; if the stored
energy in the inductor transfers to the output, the resulting
voltage step should be small compared to the regulation
voltage. For a 5% overshoot, this requirement indicates:
COUT > 10 • L • (ILIM/VOUT)2
The low ESR and small size of ceramic capacitors make
them the preferred type for LT1943 applications. Not all
ceramic capacitors are the same, however. Many of the
higher value capacitors use poor dielectrics with high
temperature and voltage coefficients. In particular, Y5V
and Z5U types lose a large fraction of their capacitance
with applied voltage and at temperature extremes.
Because loop stability and transient response depend on
the value of COUT, this loss may be unacceptable. Use X7R
and X5R types.
Electrolytic capacitors are also an option. The ESRs of
most aluminum electrolytic capacitors are too large to
deliver low output ripple. Tantalum and newer, lower ESR
organic electrolytic capacitors intended for power supply
use are suitable, and the manufacturers will specify the
ESR. Chose a capacitor with a low enough ESR for the
required output ripple. Because the volume of the capaci-
tor determines its ESR, both the size and the value will be
larger than a ceramic capacitor that would give similar
ripple performance. One benefit is that the larger capaci-
tance may give better transient response for large changes
in load current. Table 2 lists several capacitor vendors.
Table 2. Low ESR Surface Mount Capacitors
Vendor
Type
Series
Taiyo Yuden
Ceramic
X5R, X7R
AVX
Ceramic
X5R, X7R
Tantalum
TPS
Kemet
Tantalum
T491, T494, T495
Ta Organic
T520
Al Organic
A700
Sanyo
Ta or Al Organic
POSCAP
Panasonic
Al Organic
SP CAP
TDK
Ceramic
X5R, X7R
Diode Selection
The catch diode (D1 from Figure 1) conducts current only
during switch off time. Average forward current in normal
operation can be calculated from:
ID(AVG) = IOUT (VIN – VOUT)/VIN
The only reason to consider a diode with a larger current
rating than necessary for nominal operation is for the
worst-case condition of shorted output. The diode current
will then increase to the typical peak switch current.
Peak reverse voltage is equal to the regulator input volt-
age. Use a diode with a reverse voltage rating greater than
the input voltage. Table 3 lists several Schottky diodes and
their manufacturers.
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com