Electronic Components Datasheet Search
  English  ▼

X  

LTC1155CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1155CS8
Description  Dual High Side Micropower MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1155CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1155CS8 Datasheet HTML 8Page - Linear Technology LTC1155CS8 Datasheet HTML 9Page - Linear Technology LTC1155CS8 Datasheet HTML 10Page - Linear Technology LTC1155CS8 Datasheet HTML 11Page - Linear Technology LTC1155CS8 Datasheet HTML 12Page - Linear Technology LTC1155CS8 Datasheet HTML 13Page - Linear Technology LTC1155CS8 Datasheet HTML 14Page - Linear Technology LTC1155CS8 Datasheet HTML 15Page - Linear Technology LTC1155CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1155
S
APPLICATI
TYPICAL
High Efficiency 60Hz Full-Wave Synchronous Rectifier
Logic Controlled Boost Mode Switching Regulator with Short-Circuit Protection and 8
µA Standby Current
1155 TA12
1/2
LTC1155
GND
G1
DS1
VS
IN1
4.75V TO 5.25V
0.02
Ω
100
µF
MTM25N05L
*COILTRONICS CTX-7-52
0.33
µF
FROM
µP, ETC.
100k
2200
µF
5
4
2
3
1
LT1170
FAULT
1
µF
1k
50
µH*
10.7k
1%
1.24k
1%
68
µF
1N5820
5V SWITCHED
12V/1A
1N4148
+
+
+
1155 TA13
LTC1155
GND
IN2
G2
DS2
VS
DS1
G1
IN1
IRFZ44*
18V
1N4746A
1N4148
**
9V/3A
DC
IRFZ44*
18V
1N4746A
1N4148
**
1N4148
1N4148
7
6
4
3
2
100k
10
µF
10k
0.03
Ω
1N4001
10k
10
Ω
12.6VCT
110V AC
100k
4700
µF
16V
D
S
D
S
MOSFETs ARE SYNCHRONOUSLY ENHANCED WHEN RECTIFIER CURRENT EXCEEDS 300mA
*NO HEATSINK REQUIRED. CASES (DRAINS) CAN BE TIED TOGETHER
**INTERNAL BODY DIODE OF MOSFET
LT1006
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com