Electronic Components Datasheet Search
  English  ▼

X  

LT3502 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3502
Description  1.1MHz/2.2MHz, 500mA Step-Down Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3502 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3502_15 Datasheet HTML 16Page - Linear Technology LT3502_15 Datasheet HTML 17Page - Linear Technology LT3502_15 Datasheet HTML 18Page - Linear Technology LT3502_15 Datasheet HTML 19Page - Linear Technology LT3502_15 Datasheet HTML 20Page - Linear Technology LT3502_15 Datasheet HTML 21Page - Linear Technology LT3502_15 Datasheet HTML 22Page - Linear Technology LT3502_15 Datasheet HTML 23Page - Linear Technology LT3502_15 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3502/LT3502A
21
3502fd
2.5V Step-Down Converter
VIN
C3
0.1µF
3502 TA04a
L1
6.8µH
D1
SHDN
BOOST
SW
LT3502A
BD
GND
DA
FB
OFF ON
C1
22µF
R2
10k
R1
21.3k
C2
1µF
VIN
3.5V TO 40V
VBD
3V TO 7V
VOUT
2.5V
500mA
C1: JMK212BJ226MG
L1: LQH43DN6R8M03
0.1µF
VIN
C3
0.1µF
3502 TA04b
L1
15µH
D1
SHDN
BOOST
SW
LT3502
BD
GND
DA
FB
OFF ON
C1
22µF
R2
10k
R1
21.3k
C2
1µF
VIN
3.5V TO 40V
VBD
3V TO 7V
VOUT
2.5V
500mA
C1: JMK212BJ226MG
L1: LQH55DN150M03
0.1µF
typical applications
3.3V Step-Down Converter
VIN
C3
0.1µF
3502 TA05a
L1
6.8µH
D1
SHDN
BOOST
SW
LT3502A
BD
GND
DA
FB
OFF ON
C1
10µF
R2
10k
R1
31.6k
C2
1µF
VIN
4.7V TO 40V
VOUT
3.3V
500mA
C1: LMK316BJ106ML-BR
L1: LQH43CN6R8M03
VIN
C3
0.1µF
3502 TA05b
L1
15µH
D1
SHDN
BOOST
SW
LT3502
BD
GND
DA
FB
OFF ON
C1
22µF
R2
10k
R1
31.6k
C2
1µF
VIN
4.5V TO 40V
VOUT
3.3V
500mA
C1: JMK212BJ226MG
L1: LQH55DN150M03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com