Electronic Components Datasheet Search
  English  ▼

X  

LTC1235 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1235
Description  Microprocessor Supervisory Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1235 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1235 Datasheet HTML 2Page - Linear Technology LTC1235 Datasheet HTML 3Page - Linear Technology LTC1235 Datasheet HTML 4Page - Linear Technology LTC1235 Datasheet HTML 5Page - Linear Technology LTC1235 Datasheet HTML 6Page - Linear Technology LTC1235 Datasheet HTML 7Page - Linear Technology LTC1235 Datasheet HTML 8Page - Linear Technology LTC1235 Datasheet HTML 9Page - Linear Technology LTC1235 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1235
PI FU CTIO S
VCC: +5V supply input. The VCC pin should be bypassed
with a 0.1
µF capacitor.
Backup: Logic input to control the PMOS switch, M2,
when VCC is lower than VBATT. While VCC is falling through
the reset voltage threshold, the status of the BACKUP pin
(logic low or logic high) is latched in Memory Logic and
used to turn on or off M2 when VCC is below VBATT. If the
latched status of the BACKUP pin is high, the Memory
Logic turns on M2 when VCC falls to 50mV greater than
VBATT. If the latched status of the BACKUP pin is low, the
Memory Logic keeps M2 off even after VCC falls below
VBATT. If the BACKUP pin is left floating it will be pulled high
by an internal pullup and the LTC1235 will provide battery
backup when VCC falls.
VOUT: Voltage output for backed up memory. Bypass with
a capacitor of 0.1
µF or greater. During normal operation,
VOUT obtains power from VCC through an NMOS power
switch, M1, which can deliver up to 50mA and has a typical
on resistance of 5
Ω. When VCC is lower than VBATT, the
status of the BACKUP pin stored in Memory Logic controls
M2. If the status is high, the Memory Logic turns on M2
and VOUT is internally switched to VBATT through M2. If the
status is low, the Memory Logic keeps M2 off and VOUT is
in Battery Saving Mode. If VOUT and VBATT are not used,
connect VOUT to VCC.
VBATT: Backup battery input. When VCC falls below VBATT,
the status of the BACKUP pin stored in the Memory Logic
controls M2. If the status is high, auxiliary power, connected
to VBATT is delivered to VOUT through M2. If the status is
low, the Memory Logic keeps M2 off and VOUT is in Battery
Saving Mode. If backup battery or auxiliary power is not
used, VBATT should be connected to GND.
GND: Ground pin.
BATT ON: Battery on logic output from comparator C2.
BATT ON goes low when VOUT is internally connected to
VCC. The output typically sinks 35mA and can provide base
drive for an external PNP transistor to increase the output
current above the 50mA rating of VOUT. BATT ON goes
high when VCC falls below VBATT, if the status of the
BACKUP pin stored in Memory Logic is high and VOUT is
switched to VBATT.
PFI: Power Failure Input. PFI is the noninverting input to
the Power Fail Comparator, C3. The inverting input is
internally connected to a 1.3V reference. The Power Failure
Output remains high when PFI is above 1.3V and goes low
when PFI is below 1.3V. Connect PFI to GND or VOUT when
C3 is not used.
PFO: Power Failure Output from C3. PFO remains high
when PFI is above 1.3V and goes low when PFI is below
1.3V. When VCC is lower than VBATT, C3 is shut down and
PFO is forced low.
PB RST: Logic input for direct connection to a push-
button. The push-button reset input requires an active low
signal. Internally, this input signal is debounced and timed
for a minimum of 40ms. When this condition is satisfied,
the reset pulse generator forces RESET to active low. The
RESET signal will remain active low for a minimum of
140ms from the moment the push-button reset input is
released from logic low level.
RESET: Logic output for
µP reset control. The LTC1235
provides three ways to generate
µP reset. First, whenever
VCC falls below either the reset voltage threshold (4.65V,
typically) or VBATT, RESET goes active low. After VCC
returns to 5V, the reset pulse generator forces RESET to
remain active low for a minimum of 140ms. Second, when
the watchdog timer is enabled but not serviced prior to the
time-out period, the reset pulse generator also forces
RESET to active low for a minimum of 140ms for every
time-out period (see Figure 11). Third, when the PB RST
pin stays active low for a minimum of 40ms, RESET is
forced low by reset pulse generator. The RESET signal will
remain active low for a minimum of 140ms from the
moment the push-button reset input is released from logic
low level.
RESET: RESET is an active high logic output. It is the
inverse of RESET.
LOW LINE: Logic output from comparator C1. LOW LINE
indicates a low line condition at the VCC input. When VCC
falls below the reset voltage threshold (4.65V typically),
LOW LINE goes low. As soon as VCC rises above the reset
voltage threshold, LOW LINE returns high (see Figure 1).
LOW LINE goes low when VCC drops below VBATT (see
Table 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com