Electronic Components Datasheet Search
  English  ▼

X  

1SMC5352 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 1SMC5352
Description  5.0 Watts Surface Mount Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SMC5352 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1SMC5352 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SMC5352 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SMC5352 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SMC5352 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1SMC5352 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Vz@Iz
IZ
Zz
IR
VR
IZM
ZZK@1mA
VmA
Ω
uA
V
mA
Ω
1SMC5352
352B
15
75
2.5
1.0
11.5
315
75
Notes:
1. Tolerance and type number designation the type numbers listed indicate a tolerance of 5%
2. Zener voltage (Vz) measurement
Nominal Zener voltage is measured with the device junction in thermal equilibrium with
Version:B13
Maximum
Dynamic
Impedance
Maximum
Reverse
Current
IR Test
Voltage
Maximum
Regulator
Current
Maximum
Dynamic
Knee
Impedance
ambient temperature 25℃
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Device
(Note 1)
Device
Marking
Code
Regulator
Voltage
(Note 2)
Test
Current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com