Electronic Components Datasheet Search
  English  ▼

X  

2M15Z Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # 2M15Z
Description  2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

2M15Z Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  2M15Z Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 2M15Z Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 2M15Z Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 2M15Z Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 2M15Z Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 2M15Z Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CREAT BY ART
Document Number: DS_D1409044
Version: M15
2M6.8Z - 2M200Z
Taiwan Semiconductor
0
10
20
30
40
50
60
70
80
0
0.125
0.25
0.375
0.5
0.625
0.75
0.875
1
L, LEAD LENGTH TO HEAT SINK (INCH)
FIG. 9- TYPICAL THERMAL RESISTANCE
0.1
1
10
100
0
12345
6789
10
Vz, ZENER VOLTAGE (VOLTS)
FIG. 6- Vz = 6.8 - 10 VOLTS
0.1
1
10
100
0
1020304050
60708090
100
Vz, ZENER VOLTAGE (VOLTS)
FIG. 7- Vz = 11 - 91 VOLTS
0.1
1
10
100
100
120
140
160
180
200
Vz, ZENER VOLTAGE (VOLTS)
FIG. 8- Vz = 100 - 200 VOLTS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com