Electronic Components Datasheet Search
  English  ▼

X  

BC807-25 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BC807-25
Description  0.3 Watts, PNP Plastic-Encasulate Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC807-25 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BC807-25 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC807-25 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC807-25 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC807-25 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BC807-25 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
(TA=25
℃ unless otherwise noted)
Document Number: DS_S1404007
Version: F14
BC807-16/-25/-40
Taiwan Semiconductor
Small Signal Product
RATINGS AND CHARACTERISTICS CURVES
0
100
200
300
400
0
50
100
150
200
T
SB, Substrate Temperature (
oC)
Fig. 1 Power Derating Curve
See Note 1
10
100
1000
1
10
100
1000
Fig. 2 Gain Bandwidth Product VS. Collector Current
T
A = 25
oC
f = 20 MHz
I
C, Collector Current (mA)
-V
CE = 5.0 V
-V
CE = 1 V
10
100
1000
0.1
1
10
100
1000
-I
C , Collector Current (mA)
Fig. 4 DC Current Gain VS. Collector Current
-V
CE = 1V
150 oC
25 oC
- 50 oC
0
100
200
300
400
500
0
1
2
-V
CE , Collector-Emitter Voltage (V)
Fig.5 Typical Emitter-Collector Characterisitcs
- I
B = 0.2 mA
0.4
0.6
0.8
1.0
1.2
3.2
1.4
2.8
2.4
2.0
1.8
1.6
0
20
40
60
80
100
0
10
20
-V
CE , Collector-Emitter Voltage (V)
Fig. 6 Typical Emitter-Collector Characteristics
- I
B = 0.05 mA
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.1
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
Fig.3 Collector Sat Voltage VS. Collector Current
-I
C / -IB = 10
-V
CESAT , Collector Saturation Voltage (V)
Typical
- - - - - - - -
Limits
at T
A = 25
oC
- 50 oC
25 oC
150 oC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com