Electronic Components Datasheet Search
  English  ▼

X  

BC856A Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BC856A
Description  200mW, PNP Small Signal Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC856A Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BC856A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC856A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC856A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC856A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BC856A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BC856A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Version : F14
Small Signal Product
RATINGS AND CHARACTERISTIC CURVES
0
50
100
150
200
250
300
350
400
450
500
0.01
0.1
1
10
100
1000
hFE
Fig. 7 DC Current Gain as a Function of
Collector Current; Typical Values
hFE -IC
BC857A: VCE=5V
-IC(mA)
Ta=150OC
Ta=25OC
Ta=55OC
0
200
400
600
800
1000
1200
0.01
0.1
1
10
100
1000
VBE
Fig. 8 Base-Emitter Voltage as a Function of
Collector Current; Typical Values
VBE -IC
BC857A: VCE=-5V
-IC(mA)
Ta=150OC
Ta=25OC
Ta=55OC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com