Electronic Components Datasheet Search
  English  ▼

X  

LTC1196-2AC Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1196-2AC
Description  8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1196-2AC Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1196-2AC Datasheet HTML 14Page - Linear Technology LTC1196-2AC Datasheet HTML 15Page - Linear Technology LTC1196-2AC Datasheet HTML 16Page - Linear Technology LTC1196-2AC Datasheet HTML 17Page - Linear Technology LTC1196-2AC Datasheet HTML 18Page - Linear Technology LTC1196-2AC Datasheet HTML 19Page - Linear Technology LTC1196-2AC Datasheet HTML 20Page - Linear Technology LTC1196-2AC Datasheet HTML 21Page - Linear Technology LTC1196-2AC Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
LTC1196/LTC1198
S
APPLICATI
I FOR ATIO
Clock Frequency
The maximum recommended clock frequency is 14.4MHz
at 25
°CfortheLTC1196/LTC1198runningoffa5Vsupply.
With the supply voltage changing, the maximum clock
frequency for the devices also changes (see the typical
curve of Maximum Clock Rate vs Supply Voltage). If the
supply is reduced, the clock rate must be reduced also. At
3V the devices are specified with a 5.4MHz clock at 25
°C.
Mixed Supplies
It is possible to have a digital system running off a 5V
supply and communicate with the LTC1196/LTC1198
operating on a 3V supply. Achieving this reduces the
outputs of DOUT from the ADCs to toggle the equivalent
input of the digital system. The CS, CLK and DIN inputs of
the ADCs will take 5V signals from the digital system
without causing any problem (see typical curve of Digital
Input Logic Threshold vs Supply Voltage). With the
LTC1196 operating on a 3V supply, the output of DOUT only
goes between 0V and 3V. This signal easily meets TTL
levels (see Figure 6).
Figure 6. Interfacing a 3V Powered LTC1196 to a 5V System
The VCC pin should be bypassed to the ground plane with
a 1
µFtantalumwithleadsasshortaspossible.Ifthepower
supply is clean, the LTC1196/LTC1198 can also operate
with smaller 0.1
µF surface mount or ceramic bypass
capacitors. All analog inputs should be referenced directly
to the single-point ground. Digital inputs and outputs
should be shielded from and/or routed away from the
reference and analog circuitry.
SAMPLE-AND-HOLD
Both the LTC1196 and the LTC1198 provide a built-in
sample-and-hold (S&H) function to acquire the input
signal. The S&H acquires the input signal from “+” input
during tSMPL as shown in Figures 1 and 2. The S&H of the
LTC1198 can sample input signals in either single-ended
or differential mode (see Figure 7).
Single-Ended Inputs
The sample-and-hold of the LTC1198 allows conversion
of rapidly varying signals. The input voltage is sampled
during the tSMPL time as shown in Figure 7. The sampling
interval begins as the bit preceding the first DUMMY bit is
shifted in and continues until the falling CLK edge after the
second DUMMY bit is received. On this falling edge, the
S&H goes into hold mode and the conversion begins.
Differential Inputs
With differential inputs, the ADC no longer converts just a
single voltage but rather the difference between two volt-
ages. In this case, the voltage on the selected “+” input is
still sampled and held and therefore may be rapidly time
varying just as in single-ended mode. However, the volt-
age on the selected “–” input must remain constant and be
free of noise and ripple throughout the conversion time.
Otherwise, the differencing operation may not be per-
formed accurately. The conversion time is 8.5 CLK cycles.
Therefore, a change in the “–” input voltage during this
interval can cause conversion errors. For a sinusoidal
voltage on the “–” input, this error would be:
VERROR (MAX) = VPEAK × 2 × π × f(“–”) × 8.5/fCLK
Where f(“–”) is the frequency of the “–” input voltage,
VPEAK is its peak amplitude and fCLK is the frequency of the
BOARD LAYOUT CONSIDERATIONS
Grounding and Bypassing
The LTC1196/LTC1198 are easy to use if some care is
taken. They should be used with an analog ground plane
and single-point grounding techniques. The GND pin
should be tied directly to the ground plane.
3V
4.7
µF
MPU
(e.g., 8051)
5V
P1.4
P1.3
P1.2
1196/98 F06
DIFFERENTIAL INPUTS
COMMON-MODE RANGE
0V TO 3V
3V
VCC
CLK
DOUT
VREF
LTC1196
–IN
GND
+IN
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com