Electronic Components Datasheet Search
  English  ▼

X  

UPD75P0016CU Datasheet(PDF) 43 Page - NEC

Part # UPD75P0016CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P0016CU Datasheet(HTML) 43 Page - NEC

Back Button UPD75P0016CU Datasheet HTML 39Page - NEC UPD75P0016CU Datasheet HTML 40Page - NEC UPD75P0016CU Datasheet HTML 41Page - NEC UPD75P0016CU Datasheet HTML 42Page - NEC UPD75P0016CU Datasheet HTML 43Page - NEC UPD75P0016CU Datasheet HTML 44Page - NEC UPD75P0016CU Datasheet HTML 45Page - NEC UPD75P0016CU Datasheet HTML 46Page - NEC UPD75P0016CU Datasheet HTML 47Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
µPD75P0016
43
Data Sheet U10328EJ3V1DS00
STOP mode
Data retention mode
Internal reset operation
Operation mode
STOP instruction execution
HALT mode
VDD
RESET
tWAIT
tSREL
STOP mode
Data retention mode
Operation mode
HALT mode
tSREL
tWAIT
STOP instruction execution
VDD
Standby release signal
(interrupt request)
Data Retention Characteristics of Data Memory in STOP Mode and at Low Supply Voltage
(TA = –40 to +85˚C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Release signal setup time
tSREL
0
µs
Oscillation stabilization
tWAIT
Released by RESET
215/fx
ms
wait time Note 1
Released by interrupt request
Note 2
ms
Notes 1. The oscillation stabilization wait time is the time during which the CPU stops operating to prevent
unstable operation when oscillation is started.
2. Set by the basic interval timer mode register (BTM). (Refer to the table below.)
BTM3
BTM2
BTM1
BTM0
Wait Time
fx = 4.19 MHz
fx = 6.0 MHz
–000
220/fx (approx. 250 ms)
220/fx (approx. 175 ms)
–011
217/fx (approx. 31.3 ms)
217/fx (approx. 21.8 ms)
–101
215/fx (approx. 7.81 ms)
215/fx (approx. 5.46 ms)
–111
213/fx (approx. 1.95 ms)
213/fx (approx. 1.37 ms)
Data retention timing (when STOP mode released by RESET)
Data retention timing (standby release signal: when STOP mode released by interrupt signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com