Electronic Components Datasheet Search
  English  ▼

X  

UPD75P0076 Datasheet(PDF) 4 Page - NEC

Part # UPD75P0076
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P0076 Datasheet(HTML) 4 Page - NEC

  UPD75P0076 Datasheet HTML 1Page - NEC UPD75P0076 Datasheet HTML 2Page - NEC UPD75P0076 Datasheet HTML 3Page - NEC UPD75P0076 Datasheet HTML 4Page - NEC UPD75P0076 Datasheet HTML 5Page - NEC UPD75P0076 Datasheet HTML 6Page - NEC UPD75P0076 Datasheet HTML 7Page - NEC UPD75P0076 Datasheet HTML 8Page - NEC UPD75P0076 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
µPD75P0076
4
1. PIN CONFIGURATION (Top View)
•
42-pin plastic shrink DIP (600 mil, 1.778-mm pitch)
µPD75P0076CU
•
42-pin plastic shrink SOP (375 mil, 0.8-mm pitch)
µPD75P0076GT
Pin Identification
AN0 to AN7
: Analog Input 0 to 7
P110 to P113 : Port 11
AVREF
: Analog Reference
PCL
: Programmable Clock
AVSS
: Analog Ground
PTO0, PTO1 : Programmable Timer Output 0, 1
BUZ
: Buzzer Clock
RESET
: Reset Input
D0 to D7
: Data Bus 0 to 7
SB0, SB1
: Serial Data Bus 0, 1
INT0, INT1, INT4 : External Vectored Interrupt 0, 1, 4
SCK
: Serial Clock
INT2
: External Test Input 2
SI
: Serial Input
KR0 to KR3
: Key Return
SO
: Serial Output
MD0 to MD3
: Mode Selection 0 to 3
TI0, TI1
: Timer Input 0, 1
P00 to P03
: Port 0
VDD
: Positive Power Supply
P10 to P13
: Port 1
VPP
: Programmable Power Supply
P20 to P23
: Port 2
VSS
: Ground
P30 to P33
: Port 3
X1, X2
: Main System Clock Oscillation 1, 2
P40 to P43
: Port 4
XT1, XT2
: Subsystem Clock Oscillation 1, 2
P50 to P53
: Port 5
P60 to P63
: Port 6
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
XT1
XT2
RESET
X1
X2
P33/MD3
P32/MD2
P31/MD1
P30/MD0
AVSS
P63/KR3/AN7
P62/KR2/AN6
P61/KR1/AN5
P60/KR0/AN4
P113/AN3
P112/AN2
P111/AN1
P110/AN0
AVREF
VPP
VDD
VSS
P40/D0
P41/D1
P42/D2
P43/D3
P50/D4
P51/D5
P52/D6
P53/D7
P00/INT4
P01/SCK
P02/SO/SB0
P03/SI/SB1
P10/INT0
P11/INT1
P12/TI1/INT2
P13/TI0
P20/PTO0
P21/PTO1
P22/PCL
P23/BUZ
In normal operation mode, make sure to connect VPP directly to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com