Electronic Components Datasheet Search
  English  ▼

X  

BZT52C56 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52C56
Description  5% Tolerance SMD Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52C56 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZT52C56 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52C56 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52C56 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT52C56 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZT52C56 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS ( TA= 25oC unless otherwise noted )
Min
Nom
Max
BZT52C2V4
2V4Z
2.28
2.40
2.52
5
100
1
564
45
1.0
BZT52C2V7
2V7Z
2.57
2.70
2.84
5
100
1
564
18
1.0
BZT52C3V0
3V0Z
2.85
3.00
3.15
5
100
1
564
9
1.0
BZT52C3V3
3V3Z
3.14
3.30
3.47
5
95
1
564
4.5
1.0
BZT52C3V6
3V6Z
3.42
3.60
3.78
5
90
1
564
4.5
1.0
BZT52C3V9
3V9Z
3.71
3.90
4.10
5
90
1
564
2.7
1.0
BZT52C4V3
4V3Z
4.09
4.30
4.52
5
90
1
564
2.7
1.0
BZT52C4V7
4V7Z
4.47
4.70
4.94
5
80
1
470
2.7
2.0
BZT52C5V1
5V1Z
4.85
5.10
5.36
5
60
1
451
1.8
2.0
BZT52C5V6
5V6Z
5.32
5.60
5.88
5
40
1
376
0.9
2.0
BZT52C6V2
6V2Z
5.89
6.20
6.51
5
10
1
141
2.7
4.0
BZT52C6V8
6V8Z
6.46
6.80
7.14
5
15
1
75
1.8
4.0
BZT52C7V5
7V5Z
7.11
7.50
7.86
5
15
1
75
0.9
5.0
BZT52C8V2
8V2Z
7.79
8.20
8.61
5
15
1
75
0.63
5.0
BZT52C9V1
9V1Z
8.65
9.10
9.56
5
15
1
94
0.45
6.0
BZT52C10
10VZ
9.50
10.00
10.50
5
20
1
141
0.18
7.0
BZT52C11
11VZ
10.45
11.00
11.55
5
20
1
141
0.09
8.0
BZT52C12
12VZ
11.40
12.00
12.60
5
25
1
141
0.09
8.0
BZT52C13
13VZ
12.35
13.00
13.65
5
30
1
160
0.09
8.0
BZT52C15
15VZ
14.25
15.00
15.75
5
30
1
188
0.045
10.5
BZT52C16
16VZ
15.20
16.00
16.80
5
40
1
188
0.045
11.2
BZT52C18
18VZ
17.10
18.00
18.90
5
45
1
212
0.045
12.6
BZT52C20
20VZ
19.00
20.00
21.00
5
55
1
212
0.045
14.0
BZT52C22
22VZ
20.90
22.00
23.10
5
55
1
235
0.045
15.4
BZT52C24
24VZ
22.80
24.00
25.20
5
70
1
235
0.045
16.8
BZT52C27
27VZ
25.65
27.00
28.35
2
80
0.5
282
0.045
18.9
BZT52C30
30VZ
28.50
30.00
31.50
2
80
0.5
282
0.045
21.0
BZT52C33
33VZ
31.35
33.00
34.65
2
80
0.5
306
0.045
23.0
BZT52C36
36VZ
34.20
36.00
37.80
2
90
0.5
329
0.045
25.2
BZT52C39
39VZ
37.05
39.00
40.95
2
130
0.5
329
0.045
27.3
BZT52C43
43VZ
40.85
43.00
45.15
2
150
0.5
353
0.045
30.1
BZT52C47
47VZ
44.65
47.00
49.35
2
170
0.5
353
0.045
33.0
BZT52C51
51VZ
48.45
51.00
53.55
2
180
0.5
376
0.045
35.7
BZT52C56
56VZ
53.20
56.00
58.80
2
200
0.5
400
0.045
39.2
BZT52C62
62VZ
58.90
62.00
65.10
2
215
0.5
423
0.045
43.4
BZT52C68
68VZ
64.60
68.00
71.40
2
240
0.5
447
0.045
47.6
BZT52C75
75VZ
71.25
75.00
78.75
2
255
0.5
470
0.045
52.5
Notes: 1. The Zener Voltage (VZ) is tested under pulse condition of 10ms.
2. The device numbers listed have a standard tolerance on the nomial zener voltage of ±5%.
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages
shown and tighter voltage tolerances, contact your nearest Taiwan Semiconductor representative.
4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having
an RMS value equal to 10% of the dc zener current(IZT or IZK) is superimposed to IZT or IZK.
Document Number: DS_S1408004
Version: F14
VR
(V)
BZT52C2V4 thru BZT52C75
Taiwan Semiconductor
ZZT @ IZT (Ω)
Max
IZK
(mA)
ZZK @ IZK (Ω)
Max
IR @ VR(μA)
Max
Small Signal Product
Part Number
Device
Marking
VZ @ IZT (Volt)
IZT
(mA)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com