Electronic Components Datasheet Search
  English  ▼

X  

LTC1255CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1255CS8
Description  Dual 24V High-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1255CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1255CS8 Datasheet HTML 7Page - Linear Technology LTC1255CS8 Datasheet HTML 8Page - Linear Technology LTC1255CS8 Datasheet HTML 9Page - Linear Technology LTC1255CS8 Datasheet HTML 10Page - Linear Technology LTC1255CS8 Datasheet HTML 11Page - Linear Technology LTC1255CS8 Datasheet HTML 12Page - Linear Technology LTC1255CS8 Datasheet HTML 13Page - Linear Technology LTC1255CS8 Datasheet HTML 14Page - Linear Technology LTC1255CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1255
TYPICAL APPLICATIO S
Automotive Motor Direction and Speed Control with
Stall-Current Shutdown
VS
DS1
LTC1255
G2
GND
IN2
G1
DS2
IN1
0.1
µF
100k
30k
30k
12V
MMBZ5242B
MTD3055E
100
Ω
0.1
µF
14V
DC MOTOR
12V
MMBZ5242B
MTD3055E
MTD3055EL
MOTOR SPEED
AND DIRECTION
CONTROL LOGIC
OR
µP
DIRECTION
DIRECTION
PWM 2
PWM 1
MTD3055EL
+
10
µF
50V
MR2535L
14V
0.02
Ω
5V
LTC1255 • TA05
10 to 12 Cell Battery Switch and 5V Ramped Load Switch with
12
µA Standby Current and Optional 3A Overcurrent Shutdown
VS
DS1
LTC1255
G2
GND
IN2
G1
DS2
IN1
100k
µP OR
CONTROL
LOGIC
VLOGIC
10k
10k
2N2222
0.22
µF*
100k*
18V TO 30V
FROM
BATTERY
CHARGER
9.1V
MMBZ5239BL
0.033
Ω*
1N5400
10 TO 12
CELL
BATTERY
PACK
IRFR024
12V
MMBZ5242BL
IRFR024
+
100
µF
HIGH
†
EFFICIENCY
SWITCHING
REGULATOR
VIN
+
100
µF
5V/1A
SWITCHED
BATTERY
5V/1A
(SWITCHED)
MTD3055EL
VOUT
100k
1k
0.1
µF
*OPTIONAL 3A OVERCURRENT SHUTDOWN
†SEE LTC1149 DATA SHEET FOR CIRCUIT DETAILS
LTC1255 • TA04
1N4148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com