Electronic Components Datasheet Search
  English  ▼

X  

LTC1264 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1264
Description  High Speed, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1264 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1264 Datasheet HTML 8Page - Linear Technology LTC1264 Datasheet HTML 9Page - Linear Technology LTC1264 Datasheet HTML 10Page - Linear Technology LTC1264 Datasheet HTML 11Page - Linear Technology LTC1264 Datasheet HTML 12Page - Linear Technology LTC1264 Datasheet HTML 13Page - Linear Technology LTC1264 Datasheet HTML 14Page - Linear Technology LTC1264 Datasheet HTML 15Page - Linear Technology LTC1264 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1264
© LINEAR TECHNOLOGY CORPORATION 1993
APPLICATI
TYPICAL
8th Order Bandpass Filter, Linear Phase
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
1264fa LT/TP 0198 4K REV A • PRINTED IN USA
1264 TA07a
fCLK
1MHz
1.5MHz
2.0MHz
C
0pF
5pF
10pF
R2
RH
VIN
VOUT
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
SD
LPD
BPD
HPD/ND
INV D
R3
R2
R4
R1
LTC1264
7.5V
RL
R4
RH
RL
R3
R2
R3
R4
C
1MHz
R4
R3
R2
R1
LTC1264 SIDE
MODE
R1
R2
R3
R4
RH
RL
B
3a
97.6k
10.7k
39.2k
13.3k
C
3
12.4k
39.2k
10.7k
53.6
15.0k
A
3a
32.4k
10.7k
12.4k
11.5k
D
3
10.0k
29.4k
10.0k
27.4k
100.0k
–7.5V
0.1
µF
0.1
µF
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1068
Very Low Noise, High Accuracy, Quad Universal Filter
Four 2nd Order Filter Sections in 28-Pin SSOP, 56kHz Max Center
Building Block
Frequency,
≤40µVRMS Noise per 2nd Order Section, Operation 3.3V to ±5V
LTC1068-25
High Speed, High Accuracy, Quad Universal
Four 2nd Order Filter Sections in 28-Pin SSOP, 200kHz Max Center
Filter Building Block
Frequency, Operation 3.3V to
±5V
LTC1068-50
Low Power, High Accuracy, Quad Universal
Four 2nd Order Filter Sections in 28-Pin SSOP, 40kHz Max Center
Filter Building Block
Frequency, 3.5mA at Single 5V, Operation 3.3V to
±5V
LTC1562
Very Low Noise, Low Distortion, Active RC Quad
Four 2nd Order Filter Sections, No Clock Required, 150kHz Max Center
Universal Filter
Frequency, SSOP
50kHz Bandpass Filter, Linear Phase
Gain vs Frequency
FREQUENCY (kHz)
40
3
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
56
1264 TA07c
44
48
52
60
42
46
50
54
58
124
114
104
94
84
74
64
54
44
34
24
GAIN
DELAY
FREQUENCY (Hz)
10k
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
100k
1M
1264 TA07b
VS = ±7.5V
fCLK = 1MHz
Passband Gain and Group Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com