Electronic Components Datasheet Search
  English  ▼

X  

BZX79C2V2 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZX79C2V2
Description  5% Tolerance Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX79C2V2 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZX79C2V2 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX79C2V2 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX79C2V2 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX79C2V2 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX79C2V2 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Wide zener voltage range selection: 2.0V to 75V
- VZ Tolerance selection of ±5%
- Designed for through-hole device type mounting
- Hermetically sealed glasss
- Pb free and RoHS compliant
- High reliability glass passivation insuring parameter
stability and protection against junction contamination
- Case: DO-35
- High temperature soldering guaranteed: 260
oC/10s
- Polarity: Cathode indicated by polarity band
- Weight : 109 ±4 mg (approximately)
SYMBO
UNIT
PD
mW
VF
V
(Note 1)
RθJA
oC/W
TJ, TSTG
oC
VBR
IZK
: Test current for voltage VBR
ZZK
: Dynamic impedance at IZK
IZT
: Test current for voltage VZ
VZ
ZZT
: Dynamic impedance at IZT
IZM
: Maximum steady state current
VZM
Document Number: DS_S1408013
Version: E14
: Voltage at IZM
Thermal Resistance (Junction to Ambient)
300
Note 1: Valid provided that electrodes are kept at ambient temerature .
Zener I vs. V Characteristics
: Voltage at IZK
: Voltage at current IZT
Power Dissipation
500
Forward Voltage
IF = 100 mA
1.5
Junction and Storage Temperature Range
- 65 to +175
DO-35
Hermetically Sealed Glass
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
VALUE
BZX79C2V0 thru BZX79C75
Taiwan Semiconductor
Small Signal Product
5% Tolerance Zener Diode
FEATURES


Similar Part No. - BZX79C2V2

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX79C2V2 TSC-BZX79C2V2 Datasheet
115Kb / 2P
500 mW Hermetically Sealed Glass Zener Voltage Regulators
BZX79C2V2 TSC-BZX79C2V2 Datasheet
360Kb / 4P
500mW,5% Tolerance Zener Diode
More results

Similar Description - BZX79C2V2

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4729A CENTRAL-CLL4729A Datasheet
51Kb / 2P
1.0W ZENER DIODE 5% TOLERANCE
logo
Taiwan Semiconductor Co...
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
500mW,5% Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
500mW,5% Tolerance Zener Diode
BZT52C2V4 TSC-BZT52C2V4_14 Datasheet
230Kb / 5P
5% Tolerance SMD Zener Diode
BZT52C2V4-G TSC-BZT52C2V4-G Datasheet
99Kb / 4P
5% Zener Voltage Tolerance Zener Diode
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
5% Tolerance SMD Zener Diode
BZX85C3V3 TSC-BZX85C3V3_14 Datasheet
211Kb / 4P
5% Tolerance Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com