Electronic Components Datasheet Search
  English  ▼

X  

LTC1265 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1265
Description  1.2A, High Efficiency Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1265 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1265 Datasheet HTML 5Page - Linear Technology LTC1265 Datasheet HTML 6Page - Linear Technology LTC1265 Datasheet HTML 7Page - Linear Technology LTC1265 Datasheet HTML 8Page - Linear Technology LTC1265 Datasheet HTML 9Page - Linear Technology LTC1265 Datasheet HTML 10Page - Linear Technology LTC1265 Datasheet HTML 11Page - Linear Technology LTC1265 Datasheet HTML 12Page - Linear Technology LTC1265 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1265/LTC1265-3.3/LTC1265-5
APPLICATIONS INFORMATION
Figure 3. Low-Battery Comparator
Figure 4. LTC1265 Adjustable Configuration
The output, Pin 3, is an N-channel open drain that goes low
when the battery voltage is below the threshold set by R3
and R4. In shutdown, the comparator is disabled and Pin
3 is in a high impedance state.
LTC1265 ADJUSTABLE APPLICATIONS
The LTC1265 develops a 1.25V reference voltage between
the feedback (Pin 9) terminal and signal ground (see
Figure 4). By selecting resistor R1, a constant current is
caused to flow through R1 and R2 to set overall output
voltage. The regulated output voltage is determined by:
VOUT = 1.25 1 +
R2
R1
)
)
For most applications a 30k resistor is suggested for R1.
To prevent stray pickup, a 100pF capacitor is suggested
across R1 located close to the LTC1265.
THERMAL CONSIDERATIONS
In a majority of applications, the LTC1265 does not
dissipate much heat due to its high efficiency. However, in
applications where the switching regulator is running at
high duty cycles or the part is in dropout with the switch
turned on continuously (DC), the user will need to do some
thermal analysis. The goal of the thermal analysis is to
determine whether the power dissipated by the regulator
exceeds the maximum junction temperature of the part.
The temperature rise is given by:
TR = P(θJA)
where P is the power dissipated by the regulator and
θJA
is the thermal resistance from the junction of the die to the
ambient temperature.
The junction temperature is simply given by:
TJ = TR + TA
As an example, consider the LTC1265 is in dropout at an
input voltage of 4V with a load current of 0.5A. From the
Typical Performance Characteristics graph of Switch Re-
sistance, the ON resistance of the P-channel is 0.55
Ω.
Therefore power dissipated by the part is:
P = I2(RDSON) = 0.1375W
For the SO package, the
θJA is 110°C/W.
Therefore the junction temperature of the regulator when
it is operating in ambient temperature of 25
°C is:
TJ = 0.1375(110) + 25 = 40.1°C
Remembering that the above junction temperature is
obtained from a RDSON at 25°C, we need to recalculate the
junction temperature based on a higher RDSON since it
increases with temperature. However, we can safely as-
sume that the actual junction temperature will not exceed
the absolute maximum junction temperature of 125
°C.
Now consider the case of a 1A regulator with VIN = 4V and
TA = 65°C. Starting with the same 0.55Ω assumption for
RDSON, the TJ calculation will yield 125°C. But from the
graph, this will increase the RDSON to 0.76Ω, which when
used in the above calculation yields an actual TJ > 148°C.
Therefore the LTC1265 would be unsuitable for a 4V input,
1A output regulator operating at TA = 65°C.
1.25V REFERENCE
LTC1265
VIN
4
3
–
+
LTC1265 F03
R4
R3
100pF
R1
R2
VOUT
9
LTC1265 F04
VFB
LTC1265
11
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com