Electronic Components Datasheet Search
  English  ▼

X  

BZX79C10 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZX79C10
Description  5% Tolerance Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX79C10 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZX79C10 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX79C10 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX79C10 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX79C10 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX79C10 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Small Signal Product
PART NO.
Note 1: "xxx" defines voltage from 2.0V (BZX79C2V0) to 75V (BZX79C75)
PART NO.
BZX79C75
BZX79C75
Min
Max
Min
Max
A
0.34
0.60
0.013
0.024
B
2.90
5.08
0.114
0.200
C
25.40
38.10
1.000
1.500
D
1.30
2.28
0.051
0.090
Document Number: DS_S1408013
Version: E14
PACKAGE OUTLINE DIMENSION
DIM.
Unit (mm)
Unit (inch)
BZX79C75 R0G
R0
G
Green compound
BZX79C75-L0 R0G
L0
R0
G
Green compound
Note 2: Manufacture special control, if empty means no special control requirement.
EXAMPLE
PREFERRED P/N
MANUFACTURE
CODE
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
BZX79Cxxx
(Note1)
(Note 2)
R0
GDO-35
10K / 14" Reel
A0
5K / Box (Ammo)
BZX79C2V0 thru BZX79C75
Taiwan Semiconductor
ORDERING INFORMATION
MANUFACTURE
CODE
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com