Electronic Components Datasheet Search
  English  ▼

X  

BZX79B22 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BZX79B22
Description  Hermetically Sealed Glass Zener
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX79B22 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZX79B22 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX79B22 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX79B22 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX79B22 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Small Signal Product
Min
Max
Min
Max
A
0.34
0.60
0.013
0.024
B
2.90
5.08
0.114
0.200
C
25.40
38.10
1.000
1.500
D
1.30
2.28
0.051
0.090
"xxx" is Device Code from "2V4" thru "75".
Document Number: DS_S1408012
Version: C15
MARKING DIAGRAM
ORDER INFORMATION (EXAMPLE)
BZX
79B
xxx
BZX79B2V4 thru BZX79B75
Taiwan Semiconductor
DIM.
Unit (mm)
Unit (inch)
PACKAGE OUTLINE DIMENSION
BZX79B2V4 R0G
Green compound code
Packing code
Part no.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com