Electronic Components Datasheet Search
  English  ▼

X  

BZX79B27 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZX79B27
Description  Hermetically Sealed Glass Zener
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX79B27 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZX79B27 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX79B27 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX79B27 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX79B27 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Product
ELECTRICAL CHARACTERISTICS ( T
A= 25°C unless otherwise noted )
ZZK @ IZK
IR @ VR
VR
VZ
VZ
Ohms
(Ohms)
μA(V)
Min (V)
Max (V)
Max
Max
BZX79B2V4
2.35
2.45
5
100
1.0
600
100
1.0
BZX79B2V7
2.65
2.75
5
100
1.0
600
75
1.0
BZX79B3V0
2.94
3.06
5
95
1.0
600
50
1.0
BZX79B3V3
3.23
3.37
5
95
1.0
600
25
1.0
BZX79B3V6
3.53
3.67
5
90
1.0
600
15
1.0
BZX79B3V9
3.82
3.98
5
90
1.0
600
10
1.0
BZX79B4V3
4.21
4.39
5
90
1.0
600
5
1.0
BZX79B4V7
4.61
4.79
5
80
1.0
500
3.0
2.0
BZX79B5V1
5.00
5.2
5
60
1.0
480
2.0
2.0
BZX79B5V6
5.49
5.71
5
40
1.0
400
1.0
2.0
BZX79B6V2
6.08
6.32
5
10
1.0
150
3.0
4.0
BZX79B6V8
6.66
6.94
5
15
1.0
80
2.0
4.0
BZX79B7V5
7.35
7.65
5
15
1.0
80
1.0
5.0
BZX79B8V2
8.04
8.36
5
15
1.0
80
0.7
5.0
BZX79B9V1
8.92
9.28
5
15
1.0
100
0.5
6.0
BZX79B10
9.80
10.2
5
20
1.0
150
0.2
7.0
BZX79B11
10.78
11.22
5
20
1.0
150
0.1
8.0
BZX79B12
11.76
12.24
5
25
1.0
150
0.1
8.0
BZX79B13
12.74
13.26
5
30
1.0
170
0.1
8.0
BZX79B15
14.70
15.30
5
30
1.0
200
0.05
10.5
BZX79B16
15.68
16.32
5
40
1.0
200
0.05
11.2
BZX79B18
17.64
18.36
5
45
1.0
225
0.05
12.6
BZX79B20
19.60
20.40
5
55
1.0
225
0.05
14.0
BZX79B22
21.56
22.44
5
55
1.0
250
0.05
15.4
BZX79B24
23.52
24.48
5
70
1.0
250
0.05
16.8
BZX79B27
26.46
27.54
2
80
0.5
300
0.05
18.9
BZX79B30
29.40
30.60
2
80
0.5
300
0.05
21.0
BZX79B33
32.34
33.66
2
80
0.5
325
0.05
23.1
BZX79B36
35.28
36.72
2
90
0.5
350
0.05
25.2
BZX79B39
38.22
39.78
2
130
0.5
350
0.05
27.3
BZX79B43
42.14
43.86
2
150
0.5
375
0.05
30.1
BZX79B47
46.06
47.94
2
170
0.5
375
0.05
32.9
BZX79B51
49.98
52.02
2
180
0.5
400
0.05
35.7
BZX79B56
54.88
57.12
2
200
0.5
425
0.05
39.2
BZX79B62
60.76
63.24
2.5
215
0.5
430
0.05
43.4
BZX79B68
66.64
69.36
2.5
240
0.5
447
0.05
47.6
BZX79B75
73.50
76.50
2.5
255
0.5
470
0.05
52.5
Notes:
1. Tolerance and voltage designation, the type numbers listed have zener voltage as shown.
2. Specials available include, nominal zener voltages between the voltages shown and tighter voltage, for detailed
information on price, availability and delivery, contact your nearest Taiwan Semiconductor representative.
3. Zener voltage (VZ) measurement, the zener voltage is measured under pulse condicitons such that TJ is
no more than 2
oC above T
A.
4. Zener impedance (ZZ) derivaton, zener impedance is derived from the 60-cycle ac voltage, which results when
an ac current having an RMS value equal to 10% of the dc zener current (IZT) is superimposed to IZT.
Document Number: DS_S1408012
Version: C15
Type
Number
IZK
(mA)
ZZT @ IZT
BZX79B2V4 thru BZX79B75
Taiwan Semiconductor
IZT
(mA)
VZ @ IZT
(Volts)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com