Electronic Components Datasheet Search
  English  ▼

X  

PLLG-XX Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # PLLG-XX
Description  POWELL LINE GENERATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

PLLG-XX Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  PLLG-XX Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
24.04.2012
PLLG
1 of 1
PLLG-XX
TECHNICAL DATA
POWELL LINE GENERATOR
PLLG is a series of powell lens line generator prisms, offering very even intensity distribution over the
complete length of the projected line. PLLG is being specifically designed to be used in conjunction with
diode pumped solid state lasers, and is smoothed for 1 mm input beam diameter. PLLG can be delivered
with fan angles ranging 10° - 90°
Specifications
Item
Value
Unit
Dimsension
Ø9 x 9
mm
Fan angle
10, 15, 30, 45, 60, 90
°
Beam diameter
1 mm
mm
Anti Reflection Coating
broadband
nm
Material
ZF7
Outline Dimensions


Similar Part No. - PLLG-XX

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
PLLG-10 ROCHESTER-PLLG-10 Datasheet
44Kb / 1P
POWELL LINE GENERATOR
PLLG-15 ROCHESTER-PLLG-15 Datasheet
44Kb / 1P
POWELL LINE GENERATOR
PLLG-30 ROCHESTER-PLLG-30 Datasheet
44Kb / 1P
POWELL LINE GENERATOR
PLLG-45 ROCHESTER-PLLG-45 Datasheet
44Kb / 1P
POWELL LINE GENERATOR
PLLG-60 ROCHESTER-PLLG-60 Datasheet
44Kb / 1P
POWELL LINE GENERATOR
More results

Similar Description - PLLG-XX

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
PL650-3-90 ROITHNER-PL650-3-90 Datasheet
71Kb / 1P
POWELL LINE GENERATOR
PL650-3-10 ROITHNER-PL650-3-10 Datasheet
71Kb / 1P
POWELL LINE GENERATOR
PL532-1-90 ROITHNER-PL532-1-90 Datasheet
92Kb / 1P
POWELL LINE GENERATOR
PL532-1-10 ROITHNER-PL532-1-10 Datasheet
92Kb / 1P
POWELL LINE GENERATOR
logo
Rochester Electronics
PL650-5-30 ROCHESTER-PL650-5-30 Datasheet
71Kb / 1P
POWELL LINE GENERATOR
PL650-5-45 ROCHESTER-PL650-5-45 Datasheet
71Kb / 1P
POWELL LINE GENERATOR
PL650-5-60 ROCHESTER-PL650-5-60 Datasheet
71Kb / 1P
POWELL LINE GENERATOR
PL650-5-90 ROCHESTER-PL650-5-90 Datasheet
71Kb / 1P
POWELL LINE GENERATOR
PLLG-30 ROCHESTER-PLLG-30 Datasheet
44Kb / 1P
POWELL LINE GENERATOR
PLLG-90 ROCHESTER-PLLG-90 Datasheet
44Kb / 1P
POWELL LINE GENERATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com