Electronic Components Datasheet Search
  English  ▼

X  

LTC1273 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1273
Description  12-Bit, 300ksps Sampling A/D Converters with Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1273 Datasheet(HTML) 5 Page - Linear Technology

  LTC1273 Datasheet HTML 1Page - Linear Technology LTC1273 Datasheet HTML 2Page - Linear Technology LTC1273 Datasheet HTML 3Page - Linear Technology LTC1273 Datasheet HTML 4Page - Linear Technology LTC1273 Datasheet HTML 5Page - Linear Technology LTC1273 Datasheet HTML 6Page - Linear Technology LTC1273 Datasheet HTML 7Page - Linear Technology LTC1273 Datasheet HTML 8Page - Linear Technology LTC1273 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC1273
LTC1275/LTC1276
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t7
Bus Relinquish Time
20
30
75
ns
Commercial
q
20
85
ns
Military
q
20
90
ns
t8
HBEN to RD Setup Time
q
0ns
t9
HBEN to RD Hold Time
q
0ns
t10
Delay Between RD Operations
q
40
ns
t11
Delay Between Conversions
(Note 10)
500
ns
Commercial
q
600
ns
Military
q
1000
ns
t12
Aperture Delay of Sample-and-Hold
25
ns
TI I G CHARACTERISTICS
LTC1273A/LTC1275A/LTC1276A
LTC1273B/LTC1275B/LTC1276B
See Timing Characteristics Figures (Note 5)
Note 6: Linearity, offset and full scale specifications apply for unipolar and
bipolar modes.
Note 7: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 8: Bipolar offset (LTC1275/LTC1276) is the different voltage
measured from – 0.5LSB when the LTC1275/LTC1276 output code flickers
between 0000 0000 0000 and 1111 1111 1111.
Note 9: Guaranteed by design, not subject to test.
Note 10: Recommended operating conditions.
Note11: AIN must not exceed VDD or fall below VSS by more than 50mV for
specified accuracy. Therefore the minimum supply voltage for the
LTC1273 is + 4.95V. The minimum supplies for the LTC1275 are +4.75V
and – 2.45V and the minimum supplies for the LTC1276 are
±4.95V.
The q indicates specifications which apply over the full operating
temperature range; all other limits and typicals TA = 25°C.
Note 1: Absolute maximum ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to ground with DGND and
AGND wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below VSS (ground for
LTC1273) or above VDD, they will be clamped by internal diodes. This
product can handle input currents greater than 60mA below VSS (ground
for LTC1273) or above VDD without latch-up.
Note 4: When these pin voltages are taken below VSS (ground for
LTC1273) they will be clamped by internal diodes. This product can handle
input currents greater than 60mA below VSS (ground for LTC1273)
without latch-up. These pins are not clamped to VDD.
Note 5: VDD = 5V (VSS = – 5V for LTC1275/LTC1276), 300kHz at 70°C and
250kHz at 125
°C, tr = tf = 5ns unless otherwise specified.
TI I G CHARACTERISTICS (Note 5)
Slow Memory Mode, Parallel Read Timing Diagram
ROM Mode, Parallel Read Timing Diagram
BUSY
DATA
TRACK
OLD DATA
DB11 TO DB0
NEW DATA
DB11 TO DB0
t1
HOLD
LTC1273/75/76 • TA03
CS
RD
t5
t1
t10
t11
t2
tCONV
t6
t3
t12
t7
t1
OLD DATA
DB11 TO DB0
NEW DATA
DB11 TO DB0
DATA
TRACK
HOLD
CS
RD
BUSY
LTC1273/75/76 • TA04
t5
t1
t5
t4
t2
tCONV
t11
t2
tCONV
t3
t7
t3
t12
t12
t4
t7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com