Electronic Components Datasheet Search
  English  ▼

X  

LTC1282AC Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1282AC
Description  3V 140ksps 12-Bit Sampling A/D Converter with Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1282AC Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1282AC Datasheet HTML 16Page - Linear Technology LTC1282AC Datasheet HTML 17Page - Linear Technology LTC1282AC Datasheet HTML 18Page - Linear Technology LTC1282AC Datasheet HTML 19Page - Linear Technology LTC1282AC Datasheet HTML 20Page - Linear Technology LTC1282AC Datasheet HTML 21Page - Linear Technology LTC1282AC Datasheet HTML 22Page - Linear Technology LTC1282AC Datasheet HTML 23Page - Linear Technology LTC1282AC Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LTC1282
© LINEAR TECHNOLOGY CORPORATION 1993
LT/TP 1098 2K REV A • PRINTED IN USA
PART NUMBER
RESOLUTION
SPEED
COMMENTS
16-Bit
LTC1604
16
333ksps
±2.5V Input Range, ±5V Supply
LTC1605
16
100ksps
±10V Input Range, Single 5V Supply
14-Bit
LTC1419
14
800ksps
150mW, 81.5dB SINAD and 95dB SFDR
LTC1416
14
400ksps
75mW, Low Power with Excellent AC Specs
LTC1418
14
200ksps
15mW, Single 5V, Serial/Parallel I/O
12-Bit
LTC1410
12
1.25Msps
150mW, 71.5dB SINAD and 84dB THD
LTC1415
12
1.25Msps
55mW, Single 5V Supply
LTC1409
12
800ksps
80mW, 71.5dB SINAD and 84dB THD
LTC1279
12
600ksps
60mW, Single 5V or
±5V Supply
LTC1404
12
600ksps
High Speed Serial I/O in SO-8 Package
LTC1278-5
12
500ksps
75mW, Single 5V or
±5V Supply
LTC1278-4
12
400ksps
75mW, Single 5V or
±5V Supply
LTC1400
12
400ksps
High Speed Serial I/O in SO-8 Package
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 qFAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com