Electronic Components Datasheet Search
  English  ▼

X  

LTC1276AC Datasheet(PDF) 23 Page - Linear Technology

Part # LTC1276AC
Description  12-Bit, 300ksps Sampling A/D Converters with Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1276AC Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC1276AC Datasheet HTML 16Page - Linear Technology LTC1276AC Datasheet HTML 17Page - Linear Technology LTC1276AC Datasheet HTML 18Page - Linear Technology LTC1276AC Datasheet HTML 19Page - Linear Technology LTC1276AC Datasheet HTML 20Page - Linear Technology LTC1276AC Datasheet HTML 21Page - Linear Technology LTC1276AC Datasheet HTML 22Page - Linear Technology LTC1276AC Datasheet HTML 23Page - Linear Technology LTC1276AC Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23
LTC1273
LTC1275/LTC1276
N Package
24-Lead Plastic DIP
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
NOTE 1
0.598 – 0.614
(15.190 – 15.600)
(NOTE 2)
22
21
20
19
18
17
16
15
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
910
13
14
11
12
23
24
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.482)
0° – 8° TYP
NOTE 1
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299
(7.391 – 7.595)
(NOTE 2)
× 45°
0.010 – 0.029
(0.254 – 0.737)
0.005
(0.127)
RAD MIN
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS.
2. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 INCH (0.15mm).
S Package
24-Lead Plastic SOL
0.260 ± 0.010
(6.604 ± 0.254)
1.265
(32.131)
12
3
4
5
6
7
89
10
19
11
12
13
14
16
15
17
18
20
21
22
23
24
0.015
(0.381)
MIN
0.125
(3.175)
MIN
0.130 ± 0.005
(3.302 ± 0.127)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.018 ± 0.003
(0.457 ± 0.076)
0.050 – 0.085
(1.27 – 2.159)
0.100 ± 0.010
(2.540 ± 0.254)
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com