Electronic Components Datasheet Search
  English  ▼

X  

LTC1283C Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1283C
Description  3V Single Chip 10-Bit Data Acquisition System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1283C Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1283C Datasheet HTML 7Page - Linear Technology LTC1283C Datasheet HTML 8Page - Linear Technology LTC1283C Datasheet HTML 9Page - Linear Technology LTC1283C Datasheet HTML 10Page - Linear Technology LTC1283C Datasheet HTML 11Page - Linear Technology LTC1283C Datasheet HTML 12Page - Linear Technology LTC1283C Datasheet HTML 13Page - Linear Technology LTC1283C Datasheet HTML 14Page - Linear Technology LTC1283C Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LTC1283
1 ACLK cycle. After a change of state on the CS input, the
LTC1283 waits for two falling edges of the ACLK before
recognizing a valid chip select. One indication of CS low
recognition is the DOUT line becoming active (leaving the
Hi-Z state). Note that the deglitching applies to both the
rising and falling CS edges.
MSB-First/LSB-First Format (MSBF)
The output data of the LTC1283 is programmed for MSB-
first or LSB-first sequence using the MSBF bit. For MSB-
first output data the input word clocked to the LTC1283
should always contain a logical one in the sixth bit location
(MSBF bit). Likewise for LSB-first output data, the input
word clocked to the LTC1283 should always contain a zero
in the MSBF bit location. The MSBF bit in a given DIN word
will control the order of the next DOUT word. The MSBF bit
affects only the order of the output data word. The order
of the input word is unaffected by this bit.
S
APPLICATI
I FOR ATIO
MSBF
0
1
OUTPUT FORMAT
LSB-First
MSB-First
LTC1283 AI08
Figure 2 shows how the data output (DOUT) timing can be
controlled with word length selection and MSB/LSB-first
format selection.
3. Deglitcher
A deglitching circuit has been added to the chip select
input of the LTC1283 to minimize the effects of errors
caused by noise on that input. This circuit ignores changes
in state on the CS input that are shorter in duration than
4. CS Low During Conversion
In the normal mode of operation, CS is brought high
during the conversion time (see Figure 3). The serial port
ignores any SCLK activity while CS is high. The LTC1283
will also operate with CS low during the conversion. In this
mode, SCLK must remain low during the conversion as
shown in Figure 4. After the conversion is complete, the
DOUT line will become active with the first output bit. Then
the data transfer can begin as normal.
5. Microprocessor Interfaces
The LTC1283 can interface directly (without external hard-
ware) to most popular microprocessor (MPU) synchro-
nous serial formats (see Table 2). If an MPU without a
serial interface is used, then four of the MPU’s parallel port
lines can be programmed to form the serial link to the
LTC1283. Included here are three serial interface ex-
amples and one example showing a parallel port pro-
grammed to form the serial interface.
Word Length (WL1, WL0)
The last two bits of the input word (WL1 and WL0)
program the output data word length of the LTC1283.
Word lengths of 8-, 10-, 12- or 16-bit can be selected
according to the following table. The WL1 and WL0 bits in
a given DIN word control the length of the present, not the
next, DOUT word. WL1 and WL2 are never “don’t cares”
and must be set for the correct DOUT word length even
when a “dummy” DIN word is sent. On any transfer cycle,
the word length should be made equal to the number of
SCLK cycles sent by the MPU.
WL1
0
0
1
1
OUTPUT WORD LENGTH
8 Bits
10 Bits
12 Bits
16 Bits
LTC1283 • AI09
WL0
0
1
0
1
CS
ACLK
DOUT
HI-Z
VALID OUTPUT
CS
ACLK
DOUT
VALID OUTPUT
LTC1283 • AI10
HI-Z
LOW CS RECOGINZED INTERNALLY
HIGH CS RECOGNIZED INTERNALLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com