Electronic Components Datasheet Search
  English  ▼

X  

LTC1283ACN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1283ACN
Description  3V Single Chip 10-Bit Data Acquisition System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1283ACN Datasheet(HTML) 3 Page - Linear Technology

  LTC1283ACN Datasheet HTML 1Page - Linear Technology LTC1283ACN Datasheet HTML 2Page - Linear Technology LTC1283ACN Datasheet HTML 3Page - Linear Technology LTC1283ACN Datasheet HTML 4Page - Linear Technology LTC1283ACN Datasheet HTML 5Page - Linear Technology LTC1283ACN Datasheet HTML 6Page - Linear Technology LTC1283ACN Datasheet HTML 7Page - Linear Technology LTC1283ACN Datasheet HTML 8Page - Linear Technology LTC1283ACN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LTC1283
LTC1283A
LTC1283
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Offset Error
(Note 4)
q
±0.5
±0.5
LSB
Linearity Error
(Notes 4 and 5)
q
±0.5
±0.5
LSB
Gain Error
(Note 4)
q
±1.0
±2.0
LSB
Minimum Resolution for Which No
q
10
10
Bits
Missing Codes are Guaranteed
Reference Input Resistance
10
10
k
Ω
Analog and REF Input Range
(Note 6)
V
On Channel Leakage Current
On Channel = 3V
q
11
µA
(Note 7)
Off Channel = 0V
On Channel = 0V
q
–1
–1
µA
Off Channel = 3V
Off Channel Leakage Current
On Channel = 3V
q
–1
–1
µA
(Note 7)
Off Channel = 0V
On Channel = 0V
q
11
µA
Off Channel = 3V
(V –) – 0.05V to VCC + 0.05V
AC CHARACTERISTICS
CO VERTER A D
ULTIPLEXER CHARACTERISTICS (Note 3)
(Note 3)
ELECTRICAL C
C
HARA TER STICS
DIGITAL A D
I
DC
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tACC
Delay Time From CS
↓ to DOUT Data Valid
(Note 8)
2
ACLK Cycles
tSMPL
Analog Input Sample Time
See Operating Sequence
5
SCLK Cycles
tCONV
Conversion Time
See Operating Sequence
44
ACLK Cycles
tdDO
Delay Time, SCLK
↓ to DOUT Data Valid
See Test Circuts
q
400
900
ns
tdis
Delay Time, CS
↑ to DOUT Hi-Z
See Test Circuits
q
240
500
ns
ten
Delay Time, 2nd CLK
↓ to DOUT Enabled
See Test Circuits
q
300
800
ns
thDO
Time Output Data Remains Valid After SCLK
↓
75
ns
tf
DOUT Fall Time
See Test Circuits
q
90
300
ns
tr
DOUT Rise Time
See Test Circuits
q
80
300
ns
CIN
Input Capacitance
Analog Inputs On Channel
65
pF
Off Channel
5
pF
Digital Inputs
5
pF
LTC1283/LTC1283A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 3.6V
q
1.7
V
VIL
Low Level Input Voltage
VCC = 3V
q
0.45
V
IIH
High Level Input Current
VIN = VCC
q
2.5
µA
IIL
Low Level Input Current
VIN = 0V
q
– 2.5
µA
VOH
High Level Output Voltage
VCC = 3V, IO = – 20µA
2.6
2.8
V
IO = – 200µA
q
2.0
V
VOL
Low Level Output Voltage
VCC = 3V, IO = 20µA
0.05
V
IO = 400µA
q
0.10
0.30
V
LTC1283/LTC1283A
(Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com