Electronic Components Datasheet Search
  English  ▼

X  

LTC1286C Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1286C
Description  Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1286C Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1286C Datasheet HTML 13Page - Linear Technology LTC1286C Datasheet HTML 14Page - Linear Technology LTC1286C Datasheet HTML 15Page - Linear Technology LTC1286C Datasheet HTML 16Page - Linear Technology LTC1286C Datasheet HTML 17Page - Linear Technology LTC1286C Datasheet HTML 18Page - Linear Technology LTC1286C Datasheet HTML 19Page - Linear Technology LTC1286C Datasheet HTML 20Page - Linear Technology LTC1286C Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC1286/LTC1298
converter, the reference input should be driven by a
reference with low ROUT(ex. LT1004, LT1019 and LT1021)
or a voltage source with low ROUT.
Reduced Reference Operation
The minimum reference voltage of the LTC1298 is limited
to 4.5V because the VCC supply and reference are inter-
nally tied together. However, the LTC1286 can operate
with reference voltages below 1V.
The effective resolution of the LTC1286 can be increased
by reducing the input span of the converter. The LTC1286
exhibits good linearity and gain over a wide range of
reference voltages (see typical curves of Change in Linear-
ity vs Reference Voltage and Change in Gain vs Reference
Voltage). However, care must be taken when operating at
low values of VREF because of the reduced LSB step size
and the resulting higher accuracy requirement placed on
the converter. The following factors must be considered
when operating at low VREF values:
1. Offset
2. Noise
3. Conversion speed (CLK frequency)
Offset with Reduced VREF
The offset of the LTC1286 has a larger effect on the output
code. When the ADC is operated with reduced reference
voltage. The offset (which is typically a fixed voltage)
becomes a larger fraction of an LSB as the size of the LSB
is reduced. The typical curve of Change in Offset vs
Reference Voltage shows how offset in LSBs is related to
reference voltage for a typical value of VOS. For example,
a VOS of 122µV which is 0.1LSB with a 5V reference
becomes 0.5LSB with a 1V reference and 2.5LSBs with a
will slow the settling of the inputs. It is important that the
overall RC time constants be short enough to allow the
analog inputs to completely settle within the allowed time.
RC Input Filtering
It is possible to filter the inputs with an RC network as
shown in Figure 9. For large values of CF (e.g., 1µF), the
capacitive input switching currents are averaged into a net
DC current. Therefore, a filter should be chosen with a
small resistor and large capacitor to prevent DC drops
across the resistor. The magnitude of the DC current is
approximately IDC = 20pF × VIN/tCYC and is roughly
proportional to VIN. When running at the minimum cycle
time of 64
µs, the input current equals 1.56µA at VIN = 5V.
In this case, a filter resistor of 75
Ω will cause 0.1LSB of
full-scale error. If a larger filter resistor must be used,
errors can be eliminated by increasing the cycle time.
RFILTER
VIN
CFILTER
LTC1286/98 • F09
LTC1286
“+”
“–”
IDC
Figure 9. RC Input Filtering
LTC1286
REF+
ROUT
VREF
1
4
GND
LTC1286/98 • F10
Figure 10. Reference Input Equivalent Circuit
Input Leakage Current
Input leakage currents can also create errors if the source
resistance gets too large. For instance, the maximum
input leakage specification of 1
µA (at 125°C) flowing
through a source resistance of 240
Ω will cause a voltage
drop of 240
µV or 0.2LSB. This error will be much reduced
at lower temperatures because leakage drops rapidly (see
typical curve of Input Channel Leakage Current vs Tem-
perature).
REFERENCE INPUTS
The reference input of the LTC1286 is effectively a 50k
Ω
resistor from the time CS goes low to the end of the
conversion. The reference input becomes a high impedence
node at any other time (see Figure 10). Since the voltage
on the reference input defines the voltage span of the A/D
APPLICATION INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com