Electronic Components Datasheet Search
  English  ▼

X  

UG12J Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UG12J
Description  12.0AMPS. Ultra Fast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UG12J Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UG12J Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UG12J Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UG12J Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
High efficiency, low VF
High current capability
High reliability
High surge current capability
Low power loss
UG12J
TO-220AC 50 / TUBE
C0
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Trr
nS
RθjC
OC/W
TJ
OC
TSTG
OC
Version:B13
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Maximum DC Reverse Current at Rated
TA=25 ℃
DC Blocking Voltage
TA=125 ℃
IR
5
uA
600
Maximum Reverse Recovery Time (Note 2)
20
Typical Thermal Resistance
3
Operating Temperature Range
- 55 to + 150
Storage Temperature Range
- 55 to + 150
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
135
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 12 A / TA=25℃
VF
2.0
V
Maximum RMS Voltage
420
Maximum DC Blocking Voltage
600
Maximum Average Forward Rectified Current
12
Maximum Repetitive Peak Reverse Voltage
600
Ordering Information (Example)
Part No.
Package
Packing
C0G
Packing code
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260℃/10 seconds. 16",(4.06mm) from case.
Weight: 1.8 grams
Parameter
UG12J
Packing code
(Green)
Mechanical Data
Case: TO-220AC
Epoxy: UL 94V-0 rate flame retardant
UG12J
12.0AMPS. Ultra Fast Rectifiers
TO-220AC
Features
For use in low voltage, high frequency inverter,
Free wheeling, and polarity protection application
Green compound with suffix "G" on packing
code & prefix "G" on datecode


Similar Part No. - UG12J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG12JT VISHAY-UG12JT Datasheet
55Kb / 3P
Ultrafast Rectifiers
30-Jul-02
UG12JT VISHAY-UG12JT Datasheet
143Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
UG12JT-E3/45 VISHAY-UG12JT-E3/45 Datasheet
143Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
UG12JTHE3/45 VISHAY-UG12JTHE3/45 Datasheet
143Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
UG12JT VISHAY-UG12JT_07 Datasheet
143Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
More results

Similar Description - UG12J

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
ULTRA FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
UGF12J TSC-UGF12J Datasheet
214Kb / 2P
12.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SR1202 TSC-SR1202_13 Datasheet
249Kb / 4P
12.0AMPS. Schottky Barrier Rectifiers
logo
Compact Technology Corp...
UF1501 CTC-UF1501_15 Datasheet
56Kb / 2P
ULTRA FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
UGF12J TSC-UGF12J_13 Datasheet
232Kb / 3P
12.0AMPS. Isolated Ultra Fast Rectifiers
logo
Microdiode Semiconducto...
UF5400 CHENDA-UF5400 Datasheet
534Kb / 2P
ULTRA FAST RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
MUR410G YFWDIODE-MUR410G Datasheet
431Kb / 3P
Ultra Fast Rectifiers
logo
SAMYANG ELECTRONICS CO....
US5A SAMYANG-US5A Datasheet
1Mb / 3P
ULTRA FAST RECTIFIERS
logo
Microsemi Corporation
UHVP2802 MICROSEMI-UHVP2802 Datasheet
128Kb / 1P
Ultra Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com