Electronic Components Datasheet Search
  English  ▼

X  

UG56G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UG56G
Description  5A, 200V - 600V Ultra Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UG56G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UG56G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UG56G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UG56G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UG56G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- High current capability
- High reliability
- High surge current capability
- Low power loss
- Halogen-free according to IEC 61249-2-21 definition
- AEC-Q101 qualified
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "G" means green compound (halogen-free)
Terminal:
Pure tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
trr
ns
RθJL
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D1408010
Version: C15
- 55 to +150
- 55 to +175
1.55
-
1.05
-
30
200
10
100
280
400
600
420
600
UG54G - UG58G
5A, 200V - 600V Ultra Fast Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
DO-201AD
UG54G
UG56G
UG58G
Taiwan Semiconductor
MECHANICAL DATA
Case:
DO-201AD
Weight:
1.1 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
200
400
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
65
A
Maximum instantaneous forward voltage
@ 5 A / TJ=25°C
@ 5 A / TJ=125°C
VF
2.10
1.70
V
Maximum reverse current @ rated VR TJ=25 °C
TJ=125 °C
IR
μA
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
5
140
200
Note 1: Pulse test with PW=300 μs, 1% duty cycle
Operating junction temperature range
Storage temperature range
Maximum reverse recovery time (Note 2)
20
Typical thermal resistance
- 55 to +150
- 55 to +175
15
11


Similar Part No. - UG56G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
UG5613 MAXIM-UG5613 Datasheet
933Kb / 19P
Corona (MAXREFDES12#) Nexys 3 Quick Start Guide
Rev 0; 4/13
More results

Similar Description - UG56G

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D5LC20U SHINDENGEN-D5LC20U Datasheet
438Kb / 7P
Super Fast Recovery Rectifiers(200V 5A)
D5LC20UR SHINDENGEN-D5LC20UR Datasheet
439Kb / 7P
Super Fast Recovery Rectifiers(200V 5A)
D5LD20U SHINDENGEN-D5LD20U Datasheet
439Kb / 7P
Super Fast Recovery Rectifiers(200V 5A)
DE5LC20U SHINDENGEN-DE5LC20U Datasheet
474Kb / 7P
Super Fast Recovery Rectifiers(200V 5A)
SF5L60 SHINDENGEN-SF5L60 Datasheet
377Kb / 6P
Super Fast Recovery Rectifiers(600V 5A)
SF5L60U SHINDENGEN-SF5L60U Datasheet
334Kb / 6P
Super Fast Recovery Rectifiers(600V 5A)
SF5LC20U SHINDENGEN-SF5LC20U Datasheet
380Kb / 6P
Super Fast Recovery Rectifiers(200V 5A)
logo
Taiwan Semiconductor Co...
UG1004G TSC-UG1004G Datasheet
209Kb / 4P
10A, 200V - 600V Ultra Fast Rectifiers
UF1DLW TSC-UF1DLW Datasheet
427Kb / 7P
1A, 200V - 600V Surface Mount Ultra Fast Rectifiers
MUR4L20 TSC-MUR4L20 Datasheet
384Kb / 5P
4A, 200V - 600V Ultra Fast Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com