Electronic Components Datasheet Search
  English  ▼

X  

UPD7566ACSA Datasheet(PDF) 44 Page - NEC

Part # UPD7566ACSA
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7566ACSA Datasheet(HTML) 44 Page - NEC

Back Button UPD7566ACSA Datasheet HTML 40Page - NEC UPD7566ACSA Datasheet HTML 41Page - NEC UPD7566ACSA Datasheet HTML 42Page - NEC UPD7566ACSA Datasheet HTML 43Page - NEC UPD7566ACSA Datasheet HTML 44Page - NEC UPD7566ACSA Datasheet HTML 45Page - NEC UPD7566ACSA Datasheet HTML 46Page - NEC UPD7566ACSA Datasheet HTML 47Page - NEC UPD7566ACSA Datasheet HTML 48Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
µPD7566A, 7566A(A)
44
(4) Cassette Deck Controller
Motor
plunger
driver
P91
P110-P112
3
Recording signal
Mute signal
Leader signal
Tape end detection
Pause input
Voltage detection
P113
P102
P103
INT0
P01
P13
P80
P81
P82
P90
P10
P11
P12
CL1
CL2
P100
P101
2SA733
LED
×8
12 keys
µPD7566A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com