Electronic Components Datasheet Search
  English  ▼

X  

UPD75P0116CU Datasheet(PDF) 8 Page - NEC

Part # UPD75P0116CU
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P0116CU Datasheet(HTML) 8 Page - NEC

Back Button UPD75P0116CU Datasheet HTML 4Page - NEC UPD75P0116CU Datasheet HTML 5Page - NEC UPD75P0116CU Datasheet HTML 6Page - NEC UPD75P0116CU Datasheet HTML 7Page - NEC UPD75P0116CU Datasheet HTML 8Page - NEC UPD75P0116CU Datasheet HTML 9Page - NEC UPD75P0116CU Datasheet HTML 10Page - NEC UPD75P0116CU Datasheet HTML 11Page - NEC UPD75P0116CU Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
µPD75P0116
8
3.2 Non-port Pins
Pin name
I/O
Shared by
Function
When
I/O circuit
reset
type Note 1
TI0
I
P13
External event pulse input to timer/event counter
Input
<B>-C
PTO0
O
P20
Timer/event counter output
Input
E-B
PTO1
P21
Timer counter output
PCL
P22
Clock output
BUZ
P23
Outputs any frequency (for buzzer or system clock trimming)
SCK
I/O
P01
Serial clock I/O
Input
<F>-A
SO/SB0
P02
Serial data output
<F>-B
Serial data bus I/O
SI/SB1
P03
Serial data input
<M>-C
Serial data bus I/O
INT4
I
P00
Edge-triggered vectored interrupt input
<B>
(Detects both rising and falling edges).
INT0
I
P10
Edge-triggered vectored interrupt input
With noise eliminator
Input
<B>-C
(detected edge is selectable).
/asynch selectable
INT0/P10 can select noise elimination
INT1
P11
circuit.
Asynchronous
INT2
P12
Rising edge-triggered testable input
Asynchronous
KR0-KR3
I
P60-P63
Falling edge-triggered testable input
Input
<F>-A
KR4-KR7
I
P70-P73
Falling edge-triggered testable input
Input
<F>-A
CL1
—
—
Resistor (R) and capacitor (C) connection for main system
—
—
clock oscillation. External clock cannot be input.
CL2
—
XT1
I
—
Crystal resonator connection for subsystem clock.
—
—
If using an external clock, input it to XT1 and input the invert-
XT2
—
ed clock to X2. XT1 can be used as a 1-bit (test) input.
RESET
I
—
System reset input (low level active)
—
<B>
MD0-MD3
I
P30-P33
Mode selection for program memory (PROM) write/verify.
Input
E-B
D0-D3
I/O
P40-P43
Data bus pin for program memory (PROM) write/verify.
Input
M-E
D4-D7
P50-P53
VPP Note 2
—
—
Programmable voltage supply in program memory (PROM)
—
—
write/verify mode.
In normal operation mode, connect directly to VDD.
Apply +12.5 V in PROM write/verify mode.
VDD
—
—
Positive power supply
—
—
VSS
—
—
Ground potential
—
—
Notes 1. Circuit types enclosed in brackets indicate Schmitt triggered inputs.
2. During normal operation, the VPP pin will not operate normally unless connected to VDD pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com