Electronic Components Datasheet Search
  English  ▼

X  

LTC1289BC Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1289BC
Description  3 Volt Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1289BC Datasheet(HTML) 5 Page - Linear Technology

  LTC1289BC Datasheet HTML 1Page - Linear Technology LTC1289BC Datasheet HTML 2Page - Linear Technology LTC1289BC Datasheet HTML 3Page - Linear Technology LTC1289BC Datasheet HTML 4Page - Linear Technology LTC1289BC Datasheet HTML 5Page - Linear Technology LTC1289BC Datasheet HTML 6Page - Linear Technology LTC1289BC Datasheet HTML 7Page - Linear Technology LTC1289BC Datasheet HTML 8Page - Linear Technology LTC1289BC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LTC1289
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Supply Current vs Temperature
Change in Linearity vs Reference
Voltage
Change in Gain vs Reference
Voltage
Supply Current vs Supply Voltage
TEMPERATURE (°C)
–40
1.3
1.4
1.5
1.6
1.7
–25 –10
50
LTC 1289 • TPC02
1.8
1.9
520
35
65
95
80
ACLK = 2MHz
VCC = 3V
Unadjusted Offset Voltage vs
Reference Voltage
Change in Offset vs Temperature
Maximum ACLK Frequency vs
Source Resistance
* MAXIMUM ACLK FREQUENCY REPRESENTS THE ACLK FREQUENCY AT WHICH A 0.1LSB SHIFT
IN THE ERROR AT ANY CODE TRANSITION FROM ITS 2MHZ VALUE IS FIRST DETECTED.
SUPPLY VOLTAGE (V)
2.7
0.8
1.0
1.4
1.6
1.8
2.8
2.2
2.9
3.1 3.2
3.6
LTC1289 TPC01
1.2
2.4
2.6
2.0
2.8
3.0
3.3 3.4 3.5
ACLK = 2MHz
TA = 25°C
REFERENCE VOLTAGE (V)
0
0
0.1
0.3
0.4
0.5
1.0
2.0
3.0
0.9
LTC1289 TPC03
0.2
0.5
1.5
0.6
0.7
0.8
2.5
VCC = 3V
VOS = 0.250mV
VOS = 0.125mV
REFERENCE VOLTAGE (V)
0
0
0.1
0.2
0.3
0.4
0.5
0.5
1.0
1.5
2.0
LTC1289 TPC04
2.5
3.0
VCC = 3V
Change in Linearity vs
Temperature
AMBIENT TEMPERATURE (°C)
–60
0.3
0.4
0.5
0
40
100
LTC1289 TPC07
0.2
0.1
0
–40 –20
20
60
80
VCC = 3V
VREF = 2.5V
ACLK = 2MHz
AMBIENT TEMPERATURE (°C)
–60
0.3
0.4
0.5
0
40
100
LTC1289 TPC08
0.2
0.1
0
–40 –20
20
60
80
VCC = 3V
VREF = 2.5V
ACLK = 2MHz
Change in Gain vs Temperature
RSOURCE (Ω)
100
0
2
3
1k
10 k
100k
LTC1289 TPC09
1
VCC = 3V
VREF = 2.5V
TA = 25°C
+
–
INPUT
INPUT
VIN
RSOURCE–
AMBIENT TEMPERATURE (°C)
–60
0.3
0.4
0.5
0
40
100
LTC1289 • TPC06
0.2
0.1
0
–40 –20
20
60
80
VCC = 3V
VREF = 2.5V
ACLK = 2MHz
REFERENCE VOLTAGE (V)
0
0.15
0.20
0.25
2.0
LTC1289 TPC05
–0.05
–0.15
–0.25
0.5
1.0
1.5
2.5
3.0
0.10
0.05
0
–0.10
–0.20
VCC = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com