Electronic Components Datasheet Search
  English  ▼

X  

LTC1292 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1292
Description  Single Chip 12-Bit Data Acquisition Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1292 Datasheet(HTML) 4 Page - Linear Technology

  LTC1292 Datasheet HTML 1Page - Linear Technology LTC1292 Datasheet HTML 2Page - Linear Technology LTC1292 Datasheet HTML 3Page - Linear Technology LTC1292 Datasheet HTML 4Page - Linear Technology LTC1292 Datasheet HTML 5Page - Linear Technology LTC1292 Datasheet HTML 6Page - Linear Technology LTC1292 Datasheet HTML 7Page - Linear Technology LTC1292 Datasheet HTML 8Page - Linear Technology LTC1292 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC1292/LTC1297
DIGITAL A D DC ELECTRICAL CHARACTERISTICS (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICC
Positive Supply Current
CS High
LTC1292
q
612
mA
CS Low
LTC1297
q
612
mA
LTC1297BC, LTC1297CC, LTC1297DC
q
510
µA
LTC1297BI, LTC1297CI, LTC1297DI
q
515
µA
LTC1297BM, LTC1297CM, LTC1297DM
IREF
Reference Current
CS High
q
10
50
µA
LTC1292B/LTC1297B
LTC1292C/LTC1297C
LTC1292D/LTC1297D
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
CS High
Power
Shutdown
CLK Off
AMBIENT TEMPERATURE (°C)
–50
7
8
9
30
70
LTC1292/7 G02
6
5
–30 –10
50
90 110
4
3
10
10
130
CLK = 1MHz
VCC = 5V
SUPPLY VOLTAGE (V)
4
4
6
6
LTC1292/7 G01
2
0
5
10
8
CLK = 1MHz
TA = 25°C
LTC1297 Supply Current (Power
Shutdown) vs Temperature
AMBIENT TEMPERATURE (°C)
–50
0
1
3
4
5
10
7
0
50
75
LTC1292/7 G03
2
8
9
6
–25
25
100
125
VCC = 5V
VREF = 5V
CS HIGH
CLK OFF
Supply Current vs Temperature
Supply Current vs Supply Voltage
below GND or one diode drop above VCC. Be careful during testing at low
VCC levels (4.5V), as high level reference or analog inputs (5V) can cause
this input diode to conduct, especially at elevated temperatures, and cause
errors for inputs near full scale. This spec allows 50mV forward bias of
either diode. This means that as long as the reference or analog input does
not exceed the supply voltage by more than 50mV, the output code will be
correct. To achieve an absolute 0V to 5V input voltage range will therefore
require a minimum supply voltage of 4.950V over initial tolerance,
temperature variations and loading.
Note 8: Channel leakage current is measured after the channel selection.
Note 9: Increased leakage currents at elevated temperatures cause the
S/
H to droop, therefore it is recommended that fCLK ≥125kHz at 125°C, fCLK
≥ 31kHz at 85°C, and fCLK ≥ 3kHz at 25°C.
The q denotes specifications which apply over the operating temperature
range; all other limits and typicals TA = 25°C.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to ground (unless otherwise
noted).
Note 3: VCC = 5V, VREF = 5V, CLK = 1.0MHz unless otherwise specified.
Note 4: One LSB is equal to VREF divided by 4096. For example, when VREF
= 5V, 1LSB = 5V/4096 = 1.22mV.
Note 5: Linearity error is specified between the actual end points of the
A/D transfer curve. The deviation is measured from the center of the
quantization band.
Note 6: Recommended operating conditions.
Note 7: Two on-chip diodes are tied to each reference and analog input
which will conduct for reference or analog input voltages one diode drop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com