Electronic Components Datasheet Search
  English  ▼

X  

LTC1314 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1314
Description  PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1314 Datasheet(HTML) 5 Page - Linear Technology

  LTC1314 Datasheet HTML 1Page - Linear Technology LTC1314 Datasheet HTML 2Page - Linear Technology LTC1314 Datasheet HTML 3Page - Linear Technology LTC1314 Datasheet HTML 4Page - Linear Technology LTC1314 Datasheet HTML 5Page - Linear Technology LTC1314 Datasheet HTML 6Page - Linear Technology LTC1314 Datasheet HTML 7Page - Linear Technology LTC1314 Datasheet HTML 8Page - Linear Technology LTC1314 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1314/LTC1315
PIN FUNCTIONS
LTC1315
VPPIN (Pins 1, 7): 12V Power Inputs.
SHDN (Pins 2, 8): Shutdown Outputs. When the output is
high, the external 12V regulator can be shut down to
conserve power consumption.
EN0, EN1 (Pins 3, 4, 9, 10): Logic inputs that control the
voltage output on VPPOUT. The input thresholds are
compatible with TTL/CMOS levels. Refer to the Truth
Table.
VCC0 (Pins 5, 11): Logic inputs that control the state of the
MOSFET gate driver DRV3. ESD protection device limits
input excursions to 0.6V below ground.
VCC1 (Pins 6, 12): Logic inputs that control the state of the
MOSFET gate driver DRV5. ESD protection device limits
input excursions to 0.6V below ground.
DRV5, DRV3 (Pins 13, 14, 19, 20): Gate driver outputs
that control the external MOSFETs that switch the VCC pin
of card slot to Hi-Z, 3.3V, or 5V.
VDD (Pins 15, 21): Positive Supplies, 4.5V ≤ VDD ≤ 5.5V.
These pins supply the power to the control logic and the
charge pumps and must be continuously powered.
GND (Pins 16, 22): Ground Connections.
VPPOUT (Pins 17, 23): Switched outputs that provide 0V,
3.3V, 5V, 12V, or Hi-Z to the VPP pin of the card slot. Refer
to the Truth Table.
VCCIN (Pins 18, 24): 5V or 3.3V Power Inputs.
GATE CHARGE
AND DISCHARGE
CONTROL LOGIC
OSCILLATOR
AND BIAS
CHARGE
PUMP
CHARGE
PUMP
BREAK-BEFORE-
MAKE SWITCHES
TTL TO CMOS
CONVERTER
TTL TO CMOS
CONVERTER
GATE CHARGE
AND DISCHARGE
CONTROL LOGIC
GATE CHARGE
CONTROL LOGIC
OSCILLATOR AND
CHARGE PUMP
OUTPUT
SWITCHES
TTL TO CMOS
CONVERTER
TTL TO CMOS
CONVERTER
–
+
SHDN
VPPIN
VPPIN
VCC0
VCC1
10V
EN1
EN0
VCCIN
VPPOUT
GND
DRV3
DRV5
LTC1314 • BD
GATE CHARGE
AND DISCHARGE
CONTROL LOGIC
BLOCK DIAGRAM
LTC1314 or 1/2 LTC1315



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com