Electronic Components Datasheet Search
  English  ▼

X  

LTC1315 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1315
Description  PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1315 Datasheet(HTML) 3 Page - Linear Technology

  LTC1315 Datasheet HTML 1Page - Linear Technology LTC1315 Datasheet HTML 2Page - Linear Technology LTC1315 Datasheet HTML 3Page - Linear Technology LTC1315 Datasheet HTML 4Page - Linear Technology LTC1315 Datasheet HTML 5Page - Linear Technology LTC1315 Datasheet HTML 6Page - Linear Technology LTC1315 Datasheet HTML 7Page - Linear Technology LTC1315 Datasheet HTML 8Page - Linear Technology LTC1315 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1314/LTC1315
ELECTRICAL CHARACTERISTICS VDD = 5V, VCCIN = 5V, VPPIN = 12V, TA = 25°C unless otherwise specified.
LTC1314/LTC1315
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOH
SHDN Output High Voltage
VPPOUT = VCCIN, 0V or Hi-Z, ILOAD = 400µA
q
3.5
V
VOL
SHDN Output Low Voltage
VPPOUT = VPPIN, ISINK = 400µA
q
0.4
V
VG-VDD
Gate Voltage Above Supply
VDRV3 or VDRV5
q
6
7
13
V
tON
Turn-On Time, DRV3 and DRV5
CGATE = 1000pF, Time for VGATE > VDD + 1V
50
150
500
µs
tOFF
Turn-Off Time, DRV3 and DRV5
CGATE = 1000pF, Time for VGATE < 0.5V
3
10
30
µs
t1
Delay + Rise Time
VPPOUT = GND to VCCIN, VPPIN = 0V, Note 1
5
15
50
µs
t2
Delay + Rise Time
VPPOUT = GND to VPPIN (Note 1)
5
15
50
µs
t3
Delay + Rise Time
VPPOUT = VCCIN to VPPIN (Note 1)
5
15
50
µs
t4
Delay + Fall Time
VPPOUT = VPPIN to VCCIN (Note 3)
2
6
20
µs
t5
Delay + Fall Time
VPPOUT = VPPIN to GND (Note 2)
15
50
150
µs
t6
Delay + Fall Time
VPPOUT = VCCIN to GND, VPPIN = 0V (Note 2)
10
25
100
µs
t7
Output Turn-On Delay
VPPOUT = Hi-Z to VPPIN or VCCIN (Notes 1, 6)
5
15
50
µs
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
3.0
2.7
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
–10
30
50
1314/15 G01
–30
10
70
90
VCC SWITCH
VPP SWITCH
Switch On Resistance vs
Temperature
TEMPERATURE (
°C)
–50
14.2
14.0
13.8
13.6
13.4
13.2
13.0
10
50
1314/15 G03
–30
–10
30
70
90
Supply Current vs Temperature
DRV3/DRV5 Output Voltage vs
Temperature
TEMPERATURE (
°C)
–50
75
70
65
60
55
50
45
40
35
30
25
–10
30
50
1314/15 G02
–30
10
70
90
VPPOUT = VPPIN = 12V
VPPOUT = VCCIN
VPPIN = 12V
The q denotes specifications which apply over the full operating
temperature range.
Note 1: To 90% of the final value, COUT = 0.1µF, ROUT = 2.9k.
Note 2: To 10% of the final value, COUT = 0.1µF, ROUT = 2.9k.
Note 3: To 50% of the initial value, COUT = 0.1µF, ROUT = 2.9k.
Note 4: Measured current data is per channel.
Note 5: Input logic low equal to 0V, high equal to 5V.
Note 6: VPPIN = 0V when switching from Hi-Z to VCCIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com