Electronic Components Datasheet Search
  English  ▼

X  

1318 Datasheet(PDF) 1 Page - Linear Technology

Part # 1318
Description  Single 5V RS232/RS422/AppleTalk DCE Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1318 Datasheet(HTML) 1 Page - Linear Technology

  1318 Datasheet HTML 1Page - Linear Technology 1318 Datasheet HTML 2Page - Linear Technology 1318 Datasheet HTML 3Page - Linear Technology 1318 Datasheet HTML 4Page - Linear Technology 1318 Datasheet HTML 5Page - Linear Technology 1318 Datasheet HTML 6Page - Linear Technology 1318 Datasheet HTML 7Page - Linear Technology 1318 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1318
Single 5V
RS232/RS422/AppleTalk
®
DCE Transceiver
DESCRIPTION
s
Dual-Mode RS232/RS422 Peripherals
s
AppleTalk Peripherals
s
Single 5V Systems
APPLICATIONS
The LTC
®1318 is a single 5V, RS232/RS422 transceiver
for connection to the DCE, or peripheral side of an interface
link. It includes an on-board charge pump to generate a
±8V supply which allows true RS232 output swings. The
charge pump requires only four external 0.1
µF capacitors.
The LTC1318 includes two RS232 drivers, a differential
RS422 driver, a dedicated RS232 receiver, and a pin
selectable RS232/RS422 receiver which can receive either
single-ended or differential signals.
The LTC1318 features driver outputs which can be taken
to common-mode voltages outside the power supply rails
without damage. Additionally, the driver outputs assume
a high impedance state when the power is shut off,
preventing externally applied signals from feeding back
into the power supplies. The RS232 devices will operate at
speeds up to 100kbaud. The RS422 devices will operate
up to 2Mbaud.
The LTC1318 is available in a 24-lead SO Wide package.
s
Single Chip Provides DCE RS232 or
RS422/AppleTalk DCE Port
s
Operates from a Single 5V Supply
s
Charge Pump Uses 0.1
µF Capacitors
s
Output Common-Mode Voltage Range Exceeds
Power Supply Rails for All Drivers
s
Driver Outputs Are High Impedance with Power Off
s
Pin Selectable RS232/RS422 Receiver
s
Thermal Shutdown Protection
s
Drivers Are Short-Circuit Protected
FEATURES
, LTC and LT are registered trademarks of Linear Technology Corporation.
AppleTalk and LocalTalk are registered trademarks of Apple Computer, Inc.
TYPICAL APPLICATIONS
CHARGE
PUMP
RS232
LINES
APPLETALK
NETWORK
LOCALTALK®
TRANSFORMER
100pF
× 4
22
Ω
22
Ω
22
Ω
22
Ω
22
Ω
22
Ω
22
Ω
22
Ω
V +
C1 +
C1 –
RXI1
TXO1
TXO2
VCC
RXD +
RXD –/RXI2
TXD +
TXD –
NC
V –
C2 –
C2 +
RXO1
TXI1
TXI2
GND
RXDO/RXO2
TXD
RXMODE
GND
NC
0.1
µF
0.1
µF
0.1
µF
RS232
RS232
RS232
RS422
RS422
5V
1k
1k
0.1
µF
LTC1318
TO
DIGITAL
SYSTEM
LT1318 • TA01
RS232
RL = 100Ω
200ns/DIV
1318 TA02
CL = 100pF
Driver Output Waveforms
TXD
(5V/DIV)
TXD+, TXD–
(2V/DIV)
RXDO
(5V/DIV)


Similar Part No. - 1318

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
1318 PANASONIC-1318 Datasheet
45Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency driver amplification)
logo
Heyco.
1318 HEYCO-1318 Datasheet
120Kb / 1P
Window “View Port” Plugs
logo
Adafruit Industries
1318 ADAFRUIT-1318 Datasheet
83Kb / 1P
Right Angle USB cable - A/MicroB
logo
Tyco Electronics
1318095 MACOM-1318095 Datasheet
2Mb / 43P
AMP Dynamic Series Connectors
logo
Heyco.
13181 HEYCO-13181 Datasheet
141Kb / 1P
Nytye® Heavy Duty and Extra Heavy Duty/HVAC Nylon Cable Ties
More results

Similar Description - 1318

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1323 LINER-LTC1323 Datasheet
284Kb / 12P
Single 5V AppleTalk Transceiver
LTC1334 LINER-LTC1334 Datasheet
270Kb / 16P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387 Datasheet
167Kb / 12P
Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Sipex Corporation
SP303 SIPEX-SP303 Datasheet
75Kb / 8P
RS232/AppleTalk TM Serial Transceiver
SP333 SIPEX-SP333_07 Datasheet
113Kb / 13P
5V Only RS-232/AppleTalk??Programmable Transceiver
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
Single 5V RS232/RS422/RS485 Multiprotocol
logo
Linear Dimensions Semic...
LTC1334IG-PBF LINEAR_DIMENSIONS-LTC1334IG-PBF Datasheet
285Kb / 16P
Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Technology
LTC1334 LINER-LTC1334_15 Datasheet
285Kb / 16P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1323 LINER-LTC1323_15 Datasheet
250Kb / 12P
Single 5V AppleTalk Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com