Electronic Components Datasheet Search
  English  ▼

X  

LTC1291CC Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1291CC
Description  Single Chip 12-Bit Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1291CC Datasheet(HTML) 1 Page - Linear Technology

  LTC1291CC Datasheet HTML 1Page - Linear Technology LTC1291CC Datasheet HTML 2Page - Linear Technology LTC1291CC Datasheet HTML 3Page - Linear Technology LTC1291CC Datasheet HTML 4Page - Linear Technology LTC1291CC Datasheet HTML 5Page - Linear Technology LTC1291CC Datasheet HTML 6Page - Linear Technology LTC1291CC Datasheet HTML 7Page - Linear Technology LTC1291CC Datasheet HTML 8Page - Linear Technology LTC1291CC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1291
The LTC1291 is a data acquisition system that contains a
serial I/O successive approximation A/D converter. It uses
LTCMOS
TM switched capacitor technology to perform a
12-bit unipolar A/D conversion. The input multiplexer can
be configured for either single-ended or differential in-
puts. An on-chip sample-and-hold is included on the “+”
input. When the LTC1291 is idle, it can be powered down
in applications where low power consumption is desired.
An external reference is not required because the LTC1291
takes its reference from the power supply (VCC). All these
features are packaged in an 8-pin DIP.
The serial I/O is designed to communicate without external
hardware to most MPU serial ports and all MPU parallel
I/O ports allowing data to be transmitted over three or four
wires. Given the accuracy, ease of use and small package
size, this device is well suited for digitizing analog signals
in remote applications where minimum number of inter-
connects, small physical size, and low power consump-
tion are important.
LTCMOS
TM is a trademark of Linear Technology Corporation
Single Chip 12-Bit
Data Acquisition System
S
FEATURE
DESCRIPTIO
s
Built-In Sample-and-Hold
s
Single Supply 5V Operation
s
Power Shutdown
s
Direct 3- or 4-Wire Interface to Most MPU Serial
Ports and All MPU Parallel Ports
s
Two-Channel Analog Multiplexer
s
Analog Inputs Common Mode to Supply Rails
s
8-Pin DIP Package
s
Resolution: 12 Bits
s
Fast Conversion Time: 12
µs Max Over Temp.
s
Low Supply Current:
6.0mA (Typ) Active Mode
10
µA (Max) Shutdown Mode
KEY SPECIFICATIO S
+5V
CH0
GND
DIN
DOUT
CLK
VCC(VREF)
CS
LTC1291
2-CHANNEL
MUX*
CH1
0.1µF
22µF
TANTALUM
*FOR OVERVOLTAGE PROTECTION LIMIT THE INPUT CURRENT TO 15mA
PER PIN OR CLAMP THE INPUTS TO VCC AND GND WITH 1N4148 DIODES.
CONVERSION RESULTS ARE NOT VALID WHEN THE SELECTED CHANNEL OR
THE OTHER CHANNEL IS OVERVOLTAGED (VIN < GND OR VIN > VCC). SEE
SECTION ON OVERVOLTAGE PROTECTION IN THE APPLICATIONS INFORMATION.
1291 TA01
DO
MC68HC11
SCK
MISO
MOSI
2-Channel 12-Bit Data Acquisition System
APPLICATI
TYPICAL
CODE
0
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
1024
2048 2560
1291 TA02
–0.3
0.3
0.4
0.1
512
1536
3072 3584 4096
Channel-to-Channel
INL Matching


Similar Part No. - LTC1291CC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1291CCJ8 LINER-LTC1291CCJ8 Datasheet
333Kb / 20P
Single Chip 12-Bit Data Acquisition System
LTC1291CCN8 LINER-LTC1291CCN8 Datasheet
333Kb / 20P
Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1291CC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_1 Datasheet
333Kb / 20P
Single Chip 12-Bit Data Acquisition System
LTC1294BCSW LINER-LTC1294BCSW Datasheet
373Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1296CCSW LINER-LTC1296CCSW Datasheet
373Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1294 LINER-LTC1294_15 Datasheet
394Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com