Electronic Components Datasheet Search
  English  ▼

X  

LTC1334 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1334
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1334 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1334 Datasheet HTML 8Page - Linear Technology LTC1334 Datasheet HTML 9Page - Linear Technology LTC1334 Datasheet HTML 10Page - Linear Technology LTC1334 Datasheet HTML 11Page - Linear Technology LTC1334 Datasheet HTML 12Page - Linear Technology LTC1334 Datasheet HTML 13Page - Linear Technology LTC1334 Datasheet HTML 14Page - Linear Technology LTC1334 Datasheet HTML 15Page - Linear Technology LTC1334 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1334
1334fa LT/TP 1099 2K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1995
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
SW Package
28-Lead Plastic Small Outline (Wide 0.300)
(LTC DWG # 05-08-1690)
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC485
Low Power RS485 Interface Transceiver
Single 5V Supply, Wide Common Mode Range
LT
®1137A
Low Power RS232 Transceiver
±15kV IEC-1000-4-2 ESD Protection, Three Drivers, Five Receivers
LTC1320
AppleTalk Transceiver
AppleTalk/Local Talk Compliant
LTC1321/LTC1322/LTC1335
RS232/EIA562/RS485 Transceivers
Configurable, 10kV ESD Protection
LTC1323
Single 5V AppleTalk Transceiver
LocalTalk/AppleTalk Compliant 10kV ESD
LTC1347
5V Low Power RS232 Transceiver
Three Drivers/Five Receivers, Five Receivers Alive in Shutdown
LTC1387
Single 5V RS232/RS485 Transceiver
Single Port, Configurable, 10kV ESD
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
S28 (WIDE) 1098
0
° – 8° TYP
NOTE 1
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299**
(7.391 – 7.595)
× 45°
0.010 – 0.029
(0.254 – 0.737)
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
BSC
0.014 – 0.019
(0.356 – 0.482)
TYP
NOTE 1
0.697 – 0.712*
(17.70 – 18.08)
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
910
25
26
11
12
22
21
20
19
18
17
16
15
23
24
14
13
27
28
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com