Electronic Components Datasheet Search
  English  ▼

X  

DTA114EE Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # DTA114EE
Description  PNP Digital Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DTA114EE Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  DTA114EE Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DTA114EE Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DTA114EE Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PART NO.
MARKING
DTA114EM
14
DTA114EE
14
DTA114EUA
14
DTA114ECA
14
DTA114ESA
A114
E031
PART NO.
DTA114EM
DTA114EM
Document Number:DS_S1402004
Version : C14
DTA114EM/EE/EUA/ECA/ESA
Green compound
MANUFACTURE
CODE
M0
ORDERING INFORMATION
PACKING CODE
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
PACKAGE
DTA114EM-M0 RMG
RM
G
MANUFACTURE
CODE(Note)
DTA114EM RMG
RM
G
Green compound
GREEN COMPOUND
CODE
Note : Manufacture special control, if empty means no special control requirement.
EXAMPLE
PREFERRED P/N
Taiwan Semiconductor
Small Signal Product
G
G
G
RM
RN
RV
RU
A3
G
SOT-723
SOT-523
SOT-323
SOT-23
TO-92S
G
PACKING
8K / 7" Reel
3K / 7" Reel
3K / 7" Reel
3K / 7" Reel
3K /
Box(Ammo)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com