Electronic Components Datasheet Search
  English  ▼

X  

LTC1334CG Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1334CG
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1334CG Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1334CG Datasheet HTML 8Page - Linear Technology LTC1334CG Datasheet HTML 9Page - Linear Technology LTC1334CG Datasheet HTML 10Page - Linear Technology LTC1334CG Datasheet HTML 11Page - Linear Technology LTC1334CG Datasheet HTML 12Page - Linear Technology LTC1334CG Datasheet HTML 13Page - Linear Technology LTC1334CG Datasheet HTML 14Page - Linear Technology LTC1334CG Datasheet HTML 15Page - Linear Technology LTC1334CG Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1334
Figure 18. Typical Cable Extension for RS232/EIA562 Interface
S
APPLICATI
I FOR ATIO
RS422
RS232/EIA562
LTC1334 • F18
100
Ω
100
Ω
13
11
9
19
24
23
22
17
8
DR OUT
RX IN
5V
4
5
6
7
LTC1334
RS232/EIA562
22
11
13
17
5V
9
19
24
23
8
4
5
6
7
RX IN
DR OUT
LTC1334
RS422
RS232/EIA562
LTC1334 • F17
100
Ω
13
11
9
19
24
23
22
17
8
TX OUT
TX OUT
RX IN
RX IN
5V
4
5
6
7
LTC1334
Figure 17. Typical RS232/EIA562 to RS422 Level Translator
Figure 16. Typical Cable Repeater for RS422 Interface
1/2 LTC1334
TX OUT
RX IN
LTC1334 • F16
100
Ω
4
5
6
8
23
22
24
7
5V
1/2 LTC1334
1/2 LTC1334
1/2 LTC1334
LTC1334 • F15
100
Ω
22
23
8
24
8
17
18
19
5V
5V
RX OUT
RX OUT
RX OUT
DR ENABLE
DR ENABLE
DR IN
DR IN
5 4
8
5V
4
5
6
7
11
10
13
24
12
100
Ω
Figure 15. Typical Connection for RS422 Interface
A typical RS422 connection (Figure 15) allows one driver
and ten receivers on a twisted pair of wires terminated with
a 100
Ω resistor at one end.
A typical twisted-pair line repeater is shown in Figure 16.
As data transmission rate drops with increased cable
length, repeaters can be inserted to improve transmission
rate or to transmit beyond the RS422 4000-foot limit.
The LTC1334 can be used to translate RS232 to RS422
interface levels or vice versa as shown in Figure 17. One
port is configured as an RS232 transceiver and the other
as an RS485 transceiver.
Using two LTC1334s as level translators, the RS232/
EIA562 interface distance can be extended to 4000 feet
with twisted-pair wires (Figure 18).
AppleTalk
®/LocalTalk® Applications
Two AppleTalk applications are shown in Figure 19 and 20
with the LTC1323 and the LTC1334.
AppleTalk and LocalTalk are registered trademarks of Apple Computer, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com