Electronic Components Datasheet Search
  English  ▼

X  

LTC1343C Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1343C
Description  Software-Selectable Multiprotocol Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1343C Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1343C Datasheet HTML 17Page - Linear Technology LTC1343C Datasheet HTML 18Page - Linear Technology LTC1343C Datasheet HTML 19Page - Linear Technology LTC1343C Datasheet HTML 20Page - Linear Technology LTC1343C Datasheet HTML 21Page - Linear Technology LTC1343C Datasheet HTML 22Page - Linear Technology LTC1343C Datasheet HTML 23Page - Linear Technology LTC1343C Datasheet HTML 24Page - Linear Technology LTC1343C Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LTC1343
Figure 33. Controller-Selectable Multiprotocol DTE/DCE Port with DB-25 Connector
APPLICATIONS INFORMATION
LTC1343
1
2
4
3
8
5
6
7
9
10
39
38
37
36
35
34
33
32
31
30
29
28
27
26
21
19
18
17
12
13
14
15
16
40
23
20
22
11
25
CTRL
LATCH
INVERT
423 SET
DCE
M2
M1
M0
R2
R3
R4
R1
100k
LL A
TXD A
TXD B
SCTE A
SCTE B
TM A
RXD A
RXD B
RXC A
RXC B
RXC A
RXC B
RXD A
RXD B
TM A
RTS A
RTS B
DTR A
DTR B
DCD A
DCD B
DSR A
DSR B
CTS A
CTS B
DCD A
DCD B
DTR A
DTR B
RTS A
RTS B
18
DTE
DCE
20
22 23 24 1
M0
M1
M2
DCE/
DTE
13
12
11
38
C6
100pF
C7
100pF
19
17
18
15
16
10
9
7
6
4
5
2
44
C2
1
µF
C4
3.3
µF
C10
1
µF
C13
3.3
µF
C5
1
µF
C1
1
µF
43
42
41
14
VEE
VCC
VCC
5V
2
14
24
11
15
12
17
9
3
16
25
7
1
4
19
20
23
8
10
6
22
5
13
21
1343 F33
DB-25 CONNECTOR
LTC1344
C8
100pF
R1
C3
1
µF
GND
LB
VCC
VCC
VCC
EC
24
LTC1343
1
2
4
3
8
5
6
7
9
10
39
38
37
36
35
34
33
32
31
30
29
28
27
26
21
19
18
17
12
13
14
15
16
40
23
20
22
11
25
CTRL
LATCH
INVERT
423 SET
DCE
M2
M1
M0
R2
R3
R4
R2
100k
44
C12
1
µF
C9
1
µF
43
42
41
C11
1
µF
GND
LB
EC
R1
DTE_LL/DCE_TM
DTE_TXD/DCE_RXD
DTE_SCTE/DEC_RXC
DTE_TXC/DCE_TXC
DTE_RXC/DCE_SCTE
DTE_RXD/DCE_TXD
DTE_TM/DCE_LL
DTE_RL/DCE_RL
DTE_RTS/DCE_CTS
DTE_DTR/DCE_DSR
DTE_DCD/DCE_DCD
DTE_DSR/DCE_DTR
DTE_CTS/DCE_RTS
LB
LATCH
DCE/DTE
M2
M1
M0
SGND
SHIELD
RL A
CTS A
CTS B
DSR A
DSR B
RL A
CHARGE
PUMP
CHARGE
PUMP
D1
D2
D3
D4
D1
D2
D3
D4
TXC A
TXC B
SCTE A
SCTE B
TXD A
TXD B
LL A
TXC A
TXC B
24
+
+
+
+
+
+
+
+
LATCH
LATCH
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com