Electronic Components Datasheet Search
  English  ▼

X  

LTC1344C Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1344C
Description  Software-Selectable Cable Terminator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1344C Datasheet(HTML) 3 Page - Linear Technology

  LTC1344C Datasheet HTML 1Page - Linear Technology LTC1344C Datasheet HTML 2Page - Linear Technology LTC1344C Datasheet HTML 3Page - Linear Technology LTC1344C Datasheet HTML 4Page - Linear Technology LTC1344C Datasheet HTML 5Page - Linear Technology LTC1344C Datasheet HTML 6Page - Linear Technology LTC1344C Datasheet HTML 7Page - Linear Technology LTC1344C Datasheet HTML 8Page - Linear Technology LTC1344C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1344
TYPICAL PERFORMANCE CHARACTERISTICS
V.11 or V.35 Differential Mode
Impedance vs Common Mode
Voltage
TEMPERATURE (
°C)
–40
20
1344 G01
110
105
–20
0
40
100
120
115
60
80
100
VCM = –7V
VCM = –2V
VCM = 0V
VCM = 7V
VCC VOLTAGE (V)
103
104
105
1344 G03
4.6
4.8
5.0
5.2
5.4
COMMON MODE VOLTAGE (V)
–8
108
6
1344 G02
106
104
100
–6
–4
–2
0
2
4
8
102
V.11 or V.35 Differential Mode
Impedance vs Temperature
V.35 Common Mode Impedance
vs Supply Voltage (VCC)
V.35 Common Mode Inpedance
vs Negative Supply Voltage (VEE)
VCC VOLTAGE (V)
151
152
153
1344 G07
4.6
4.8
5.0
5.2
5.4
VEE VOLTAGE (V)
– 5.4
153
154
– 4.6
1344 G08
152
151
150
– 5.2
– 5.0
– 4.8
Supply Current vs Temperature
TEMPERATURE (
°C)
–50
1344 G09
310
290
270
250
230
210
190
170
150
–20
10
40
70
100
V.11 or V.35 Differential Mode
Impedance vs Negative Supply
Voltage (VEE)
TEMPERATURE (
°C)
–40
20
1344 G05
155
150
–20
0
40
145
165
160
60
80
100
VCM = –2V
VCM = 2V
VCM = 0V
COMMON MODE VOLTAGE (V)
–2
154
156
2
1344 G06
152
150
–1
0
1
158
V.35 Common Mode Impedance
vs Temperature
V.35 Common Mode Impedance
vs Common Mode Voltage
VEE VOLTAGE (V)
103
104
105
1344 G04
– 5.4
– 5.2
– 5.0
– 4.8
– 4.6
V.11 or V.35 Differential Mode
Impedance vs Supply Voltage
(VCC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com