Electronic Components Datasheet Search
  English  ▼

X  

DTC114EE Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # DTC114EE
Description  NPN Small Signal Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DTC114EE Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  DTC114EE Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DTC114EE Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DTC114EE Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd DTC114EE Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd DTC114EE Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd DTC114EE Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DTC114 EM/EE/EUA/ECA/ESA
Taiwan Semiconductor
Small Signal Product
PART NO.
DTC114EM
DTC114EE
DTC114EUA
DTC114ECA
Note 1: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
Document Number: DS_S1412029
Version: C14
ORDERING INFORMATION
PART NO.
SUFFIX (Note 1)
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
-xx
RM
G
SOT-723
8K / 7" Reel
RS
SOT-523
3K / 7" Reel
RV
SOT-323
3K / 7" Reel
RU
SOT-23
3K / 7" Reel
DTC114ESA
A3
TO-92S
3K / Box (Ammo)
B3
10K / Box (Bulk)
EXAMPLE
PREFERRED
PART NO.
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
DTC114EE RS
DTC114EE
RS
Multiple manufacture
source
DTC114EE RSG
DTC114EE
RS
G
Multiple manufacture
source
Green compound
PIN CONNENCTIONS AND MARKING
DTC114EE-M0 RSG
DTC114EE
M0
RS
G
Defined manufacture
source
Green compound
MARKING: 
C114
E041
MARKING(HF):  
C114
E·041



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com